Electronic Components Datasheet Search
  English  ▼

X  

AMC1336DWVR Datasheet(PDF) 4 Page - Texas Instruments

Part # AMC1336DWVR
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1336DWVR Datasheet(HTML) 4 Page - Texas Instruments

  AMC1336DWVR Datasheet HTML 1Page - Texas Instruments AMC1336DWVR Datasheet HTML 2Page - Texas Instruments AMC1336DWVR Datasheet HTML 3Page - Texas Instruments AMC1336DWVR Datasheet HTML 4Page - Texas Instruments AMC1336DWVR Datasheet HTML 5Page - Texas Instruments AMC1336DWVR Datasheet HTML 6Page - Texas Instruments AMC1336DWVR Datasheet HTML 7Page - Texas Instruments AMC1336DWVR Datasheet HTML 8Page - Texas Instruments AMC1336DWVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
AMC1336
SBAS951B – AUGUST 2019 – REVISED APRIL 2020
www.ti.com
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
see
(1)
MIN
MAX
UNIT
Power-supply voltage
AVDD to AGND
–0.3
6.5
V
DVDD to DGND
–0.3
6.5
Analog input voltage
On the AINP and AINN pins
AGND – 5
AVDD + 0.5
V
Digital input voltage
On the CLKIN pin
DGND – 0.5
DVDD + 0.5
V
Digital output voltage
On the DOUT pin
DGND – 0.5
DVDD + 0.5
V
Input current
Continuous, any pin except power-supply pins
–10
10
mA
Temperature
Junction, TJ
150
°C
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
Steady-state voltage supported by the device in case of a system failure. See specified common-mode input voltage VCM for normal
operation. Observe analog input voltage range as specified in the Absolute Maximum Ratings table.
(2)
See the Analog Input section for more details.
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
AVDD
High-side supply voltage
AVDD to AGND
3.0
5.0
5.5
V
DVDD
Controller-side
DVDD to DGND
2.7
3.3
5.5
V
ANALOG INPUT
VClipping
Differential input voltage before clipping output
VIN = VAINP – VAINN
±1.25
V
VFSR
Specified linear differential full-scale voltage
VIN = VAINP – VAINN
–1
1
V
Absolute common-mode input voltage(1)
(VAINP + VAINN) / 2 to AGND
–2
AVDD
V
VCM
Operating common-mode input voltage(2)
(VAINP + VAINN) / 2 to AGND,
3.0 V
≤ AVDD < 4 V,
VAINP = VAINN
–1.4
AVDD – 1.4
V
(VAINP + VAINN) / 2 to AGND,
3.0 V
≤ AVDD < 4.5 V,
|VAINP – VAINN| = 1.25 V
–0.8
AVDD – 2.4
(VAINP + VAINN) / 2 to AGND,
4 V
≤ AVDD ≤ 5.5 V,
VAINP = VAINN
–1.4
2.7
(VAINP + VAINN) / 2 to AGND,
4.5 V
≤ AVDD ≤ 5.5 V,
|VAINP – VAINN| = 1.25 V
–0.8
2.1
DIGITAL INPUT
Input voltage
VCLKIN to DGND
DGND
DVDD
V
TEMPERATURE RANGE
TA
Operating ambient temperature
–40
25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com