Electronic Components Datasheet Search
  English  ▼

X  

FCR Datasheet(PDF) 1 Page - YAGEO Corporation

Part # FCR
Description  CARBON FILM RESISTORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

FCR Datasheet(HTML) 1 Page - YAGEO Corporation

  FCR Datasheet HTML 1Page - YAGEO Corporation FCR Datasheet HTML 2Page - YAGEO Corporation FCR Datasheet HTML 3Page - YAGEO Corporation FCR Datasheet HTML 4Page - YAGEO Corporation FCR Datasheet HTML 5Page - YAGEO Corporation FCR Datasheet HTML 6Page - YAGEO Corporation FCR Datasheet HTML 7Page - YAGEO Corporation FCR Datasheet HTML 8Page - YAGEO Corporation FCR Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA SHEET
CARBON FILM RESISTORS
Flameproof
FCR Series
±2%, ±5%
1/4W to 3W
RoHS compliant & Halogen Free


Similar Part No. - FCR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
FCR WELWYN-FCR Datasheet
56Kb / 1P
Fusing Surface Mounted Resistors
logo
TT Electronics.
FCR TTELEC-FCR Datasheet
364Kb / 3P
Fusible Chip Resistors
logo
M-System Co.,Ltd.
FCR MSYSTEM-FCR Datasheet
112Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
Trimmable Thick Film Chip Resistor
11/18/2020
logo
TE Connectivity Ltd
FCR TEC-FCR Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - FCR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCA0922 VISHAY-LCA0922 Datasheet
203Kb / 4P
Carbon Film Resistors, Standard
03-Sep-03
logo
Dubilier
DCR255T10K DUBILIER-DCR255T10K Datasheet
126Kb / 2P
RESISTORS CARBON FILM DCR
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
Carbon Film Resistors
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
Carbon Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com