Electronic Components Datasheet Search
  English  ▼

X  

FCR Datasheet(PDF) 5 Page - YAGEO Corporation

Part # FCR
Description  CARBON FILM RESISTORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

FCR Datasheet(HTML) 5 Page - YAGEO Corporation

  FCR Datasheet HTML 1Page - YAGEO Corporation FCR Datasheet HTML 2Page - YAGEO Corporation FCR Datasheet HTML 3Page - YAGEO Corporation FCR Datasheet HTML 4Page - YAGEO Corporation FCR Datasheet HTML 5Page - YAGEO Corporation FCR Datasheet HTML 6Page - YAGEO Corporation FCR Datasheet HTML 7Page - YAGEO Corporation FCR Datasheet HTML 8Page - YAGEO Corporation FCR Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.yageo.com
Apr. 03, 2024
V.3
Carbon Film Resistors
5
15
Product Specification
FCR
Through Hole Resistors
Note:
AXIAL / REEL TAPE SPECIFICATION
Unit: mm
Normal
Miniature
a
A
B1-B2 (Max.) S (spacing) T (max. deviation of spacing)
FCR-25
FCR50S
6 ± 0.5
52.4 ± 1.5
1.2
5
1 mm per 10 spacing,
0.5 mm per 5 spacing,
26.0 ± 1.5
1
FCR-50
FCR1WS
6 ± 0.5
52.4 ± 1.5
1.2
5
FCR100
FCR2WS
6 ± 0.5
73.0 ± 1.5
1.5
5
52.4 ± 1.5
1.2
FCR200
FCR3WS
6 ± 0.5
73.0 ± 1.5
1.5
10
52.4 ± 1.5
1.2
RCWV (Rated Continuous Working Voltage ):
The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following
formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com