Electronic Components Datasheet Search
  English  ▼

X  

FCR Datasheet(PDF) 2 Page - YAGEO Corporation

Part # FCR
Description  CARBON FILM RESISTORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

FCR Datasheet(HTML) 2 Page - YAGEO Corporation

  FCR Datasheet HTML 1Page - YAGEO Corporation FCR Datasheet HTML 2Page - YAGEO Corporation FCR Datasheet HTML 3Page - YAGEO Corporation FCR Datasheet HTML 4Page - YAGEO Corporation FCR Datasheet HTML 5Page - YAGEO Corporation FCR Datasheet HTML 6Page - YAGEO Corporation FCR Datasheet HTML 7Page - YAGEO Corporation FCR Datasheet HTML 8Page - YAGEO Corporation FCR Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.yageo.com
Apr. 03, 2024
V.3
Carbon Film Resistors
2
15
Product Specification
FCR
Through Hole Resistors
APPLICATIONS
 All general purpose
applications
 Power applications
FEATURES
 Wide resistance range
 High stability
 Flameproof coating equivalent
to UL-94V-0
 RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the flameproof carbon film resistor are identified by the
series, power rating, tolerance, packing, temperature coefficient, forming
and resistance value.
PART NUMBER
FCR
200
J
T
-
73-
100R
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES
FCR Series
(2) POWER RATING
-25 = 1/4W
50S = 1/2W
-50 = 1/2W
1WS = 1W
100 = 1W
2WS = 2W
200 = 2W
3WS = 3W
(3) TOLERANCE
G = ±2%
J = ±5%
(4) PACKAGING
R = Reel Pack
T = Box Pack
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
- = Based on spec , refer to page 4 Table 2
.
(6) FORMING
26- = 26mm
52- = 52.4mm
73- = 73mm
52C = 52.4mm,
Φd =0.5±0.02mm
M = M-Type Forming
MB = M-form W/flat
F = F Type
FK = FK Type
FFK = F-form Kink
FKK = FKK Type
FT = FT Type Forming
PN = PANAsert
AV = AVIsert
Note:26mm, 52.4mm and 73mm represent dimension A of the axial type,
please refer to the category of AXIAL/REEL TAPE SPECIFICATION for the
detail.
(7) RESISTANCE VALUE
E24 Series
Example:
100R = 100
Ω, 10K = 10,000Ω, 1M = 1,000,000Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com