Electronic Components Datasheet Search
  English  ▼

X  

164 Datasheet(PDF) 19 Page - Amphenol PCD, Inc

Part # 164
Description  WATERPROOF AUDIO CONNECTORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

164 Datasheet(HTML) 19 Page - Amphenol PCD, Inc

Back Button 164 Datasheet HTML 15Page - Amphenol PCD, Inc 164 Datasheet HTML 16Page - Amphenol PCD, Inc 164 Datasheet HTML 17Page - Amphenol PCD, Inc 164 Datasheet HTML 18Page - Amphenol PCD, Inc 164 Datasheet HTML 19Page - Amphenol PCD, Inc 164 Datasheet HTML 20Page - Amphenol PCD, Inc 164 Datasheet HTML 21Page - Amphenol PCD, Inc 164 Datasheet HTML 22Page - Amphenol PCD, Inc 164 Datasheet HTML 23Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Filtered Audio Receptacle Connector
Connector Meets All Requirement Of MIL-C-55116/5081
0
Capacitance ( 1KHz, 25 )
Insertion Loss (TYP.)
0
(MIL-STD-220, No Load 25 )
Working Voltage
Dielectric Voltage Breakdown
Insulation Resistance
0
(100VDC, 25 C)
RF Current
:8000PF TYP
:1Mhz - 4dB
:10Mhz - 25dB
:50Mhz - 60dB
:100DVC
:300VDC
:10000 Mohms Min.
:0.25 A Max.
ALL PINS ARE FILTERED
Connector
Number
Description
No. Of Contacts
Contact
Termination
164F-1836B-527
164 Filtered Audio
Receptacle Connector
6
PC Tail
Method Of Designation
Filter Specifications:
S pecialProducts
17
164F-1835B-527
164 Filtered Audio
Receptacle Connector
5
PC Tail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com