Electronic Components Datasheet Search
  English  ▼

X  

164 Datasheet(PDF) 3 Page - Amphenol PCD, Inc

Part # 164
Description  WATERPROOF AUDIO CONNECTORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

164 Datasheet(HTML) 3 Page - Amphenol PCD, Inc

  164 Datasheet HTML 1Page - Amphenol PCD, Inc 164 Datasheet HTML 2Page - Amphenol PCD, Inc 164 Datasheet HTML 3Page - Amphenol PCD, Inc 164 Datasheet HTML 4Page - Amphenol PCD, Inc 164 Datasheet HTML 5Page - Amphenol PCD, Inc 164 Datasheet HTML 6Page - Amphenol PCD, Inc 164 Datasheet HTML 7Page - Amphenol PCD, Inc 164 Datasheet HTML 8Page - Amphenol PCD, Inc 164 Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Introduction&Page Contents
1
Introduction
Amphenol 164 series connectors are water resistant, five & six pin
contact electrical connectors for use in low voltage audio frequency
circuits & applications. They employ three-point bayonet coupling for
quick disconnect & self wipe contact.
These connectors are extensively used in military communication
equipments, where high reliability is paramount & severe
environmental conditions are encountered.
Amphenol 164 series connectors are qualified to MIL specification
MIL-DTL-55116. They are intermatable with any other manufacturers
product which is designed as per MIL-DTL-55116.
Page
Introduction
1
Specifications, Material & Finishes
2
QPL Approval Letter
3-4
Five & Six Pin Audio Plug Connector Crimp Sleeve Terminal
(U-229-Type) Products
5
Five & Six Pin Audio Plug Connector Solder Cup Terminal
(U-229S-Type) Products
6
Five & Six Pin Audio Plug Connector Crimp Sleeve Terminal
(U-182-Type) Products
7
Five & Six Pin Audio Plug Connector Solder Cup Terminal
(U-182S-Type) Products
8
Five & Six Pin Audio Receptacle Panel Mount Connector-Solder
(U-183/U Type & U-283/U Type) Products
9
Five & Six Pin Audio Receptacle Connector Crimp Sleeve Terminal
(U-228/U Type & U-328/U Type) Products
10
Five & Six Pin Audio Receptacle Connector Solder Cup Terminal
(U-228/U Type & U-328/U Solder Type) Products
11
List Of Part Numbers
12
Ordering Information
13
Special Products
15-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com