Electronic Components Datasheet Search
  English  ▼

X  

164 Datasheet(PDF) 28 Page - Amphenol PCD, Inc

Part # 164
Description  WATERPROOF AUDIO CONNECTORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

164 Datasheet(HTML) 28 Page - Amphenol PCD, Inc

Back Button 164 Datasheet HTML 24Page - Amphenol PCD, Inc 164 Datasheet HTML 25Page - Amphenol PCD, Inc 164 Datasheet HTML 26Page - Amphenol PCD, Inc 164 Datasheet HTML 27Page - Amphenol PCD, Inc 164 Datasheet HTML 28Page - Amphenol PCD, Inc 164 Datasheet HTML 29Page - Amphenol PCD, Inc 164 Datasheet HTML 30Page - Amphenol PCD, Inc 164 Datasheet HTML 31Page - Amphenol PCD, Inc 164 Datasheet HTML 32Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
26
All Dimensions Are For Reference Only
NO
MODIFIER
1.02
1.78
MODIFIER(XX)
3.00
5.00
øA
øB
–1
–2
–8
–9
–10
–12
–13
–14
–15
–16
–20
–21
–22
–23
1.02
1.02
0.71
0.71
0.71
1.02
0.71
0.76
0.71
1.02
0.76
1.02
0.65
1.02
2.26
1.02
2.26
2.26
2.26
1.02
2.26
0.76
2.26
1.02
0.76
1.02
2.25
1.78
4.29
11.10
14.99
4.93
6.53
2.79
11.10
3.05
9.91
18.90
14.33
2.79
5.00
5.00
2.92
11.10
4.78
3.18
5.54
2.79
3.81
3.05
3.56
18.90
14.33
2.79
3.10
2.00
C
D
27.00 REF
164-79/U—P PLAIN PIN DESIGN
18.26
8.00
164-79/U—PL—XX STEPPED PIN DESIGN
D
C
50°
11.70
ø25.6
RECOMANDED PANEL
CUT OUT
udio Connectors 10 Pin PC Tail
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com