Electronic Components Datasheet Search
  English  ▼

X  

M55116/1-5 Datasheet(PDF) 13 Page - Amphenol PCD, Inc

Part # M55116/1-5
Description  WATERPROOF AUDIO CONNECTORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M55116/1-5 Datasheet(HTML) 13 Page - Amphenol PCD, Inc

Back Button M55116/1-5 Datasheet HTML 9Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 10Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 11Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 12Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 13Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 14Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 15Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 16Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 17Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Sr No.
Description
MIL Designation
Amphenol Designation
1
5 Pin Audio Receptacle with solder cup terminal & wire strain relief
M55116/13-X
164-228-S-X
2
6 Pin Audio Receptacle with solder cup terminal & wire strain relief
M55116/14-X
164-228-6S-X
M55116/14-X
N/A
4.19 ± 0.25
5.79 ± 0.25
Dash no-X
-0
-1
-2
Cable diameter
-3
-4
-5
6.35 ± 0.25
7.36 ± 0.25
8.12 ± 0.25
M55116/13-X
X Stands for the Cable size accommodation, is identified by a dash number as shown in above table. This number indicates the outside diameter of the cable that
the connector will accommodate.
0
36
30’
0
35 30’
0
18
15’
0
17
45’
A
B
C
D
E
0
36
30’
0
35 30’
0
18
15’
0
17
45’
A
B
C
D
E
F
57.14 Ref.
ADAPTER NUT
BUSHING
WASHER
STUD
SPRING
LOADING SLEEVE
WASHER
RECEPTACLE SHELL
“O” RING OR GASKET SEAL
0.940/0.178
INSERT ASSEMBLY
2.66/2.54
57.14 Ref.
ADAPTER NUT
BUSHING
WASHER
STUD
SPRING
LOADING SLEEVE
WASHER
RECEPTACLE SHELL
“O” RING OR GASKET SEAL
0.940/0.178
INSERT ASSEMBLY
2.66/2.54
F ive&SixPinAudioReceptacleConnectorSolderCupTerminal
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com