Electronic Components Datasheet Search
  English  ▼

X  

M55116/1-5 Datasheet(PDF) 4 Page - Amphenol PCD, Inc

Part # M55116/1-5
Description  WATERPROOF AUDIO CONNECTORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M55116/1-5 Datasheet(HTML) 4 Page - Amphenol PCD, Inc

  M55116/1-5 Datasheet HTML 1Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 2Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 3Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 4Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 5Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 6Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 7Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 8Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Specifications
2
Operating Current
500 m A per contact
Operating Voltage
60V max.
Contact Resistance
0.050 ohms max.
Insulation Resistance
1000 M ohm @ 100 V DC
Dielectric Strength
500V rms
Number of Contacts
5 or 6
Air Pressure
2.5 PSI
Durability
3000 cycles, mate & unmate.
Immersion
48 hrs. At 6ft.
0
0
Operating Temperature
-55 C to +85 C.
Part
Material
Finish
Shell & Nut
Stainless Steel
Sand Blasted
Insulator
Diallyphthalate as per
ASTM D5948 Type SDG-F
-
Contact
Copper Alloy -Brass
0.75 m Gold over Nickel
u
Electrical
Mechanical
Environmental
Material & Finishes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com