Electronic Components Datasheet Search
  English  ▼

X  

M55116/1-5 Datasheet(PDF) 17 Page - Amphenol PCD, Inc

Part # M55116/1-5
Description  WATERPROOF AUDIO CONNECTORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M55116/1-5 Datasheet(HTML) 17 Page - Amphenol PCD, Inc

Back Button M55116/1-5 Datasheet HTML 13Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 14Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 15Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 16Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 17Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 18Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 19Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 20Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 21Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
5.00
2.00
(PL Type)
1.02 max
PC tail contacts
3.18 max.
Panel thickness
16.76 min.
19.30 min.
Panel cutout
20.24 max.
29.36 max.
Solder contacts
7.14 + 0.01
PCD
-
2.97
(P Type)
PCB mounting
details
1.30 -0.02
5 or 6 holes
equispaced
1.02 max
Receptacles With PC Tail Contacts
S pecialProducts
15
Note: For 5 Pin Connector Contact Factory
164-183S-6
Rear Mount Receptacles 6 Pins
Part
Number
164-183-P
164-183-PL
164-183-6P
164-183-6PL
No. of
Contacts
Contact
Type
Mates
With
164-229, 164-229-S, 164-182
164-182-S,164-182-L, 164-182-LS
164-229-6, 164-229-6S, 164-182-6
164-182-6S, 164-182-6L
All dimensions in mm
PC tail spring loaded
PC tail spring loaded
PC tail spring loaded
PC tail spring loaded
5
5
6
6
Barrel Rigid Contact
(Crimp Sleeve Terminal)
Solder Rigid Contact
(Solder Cup Terminal)
Plug Connector Without Nylon Overmoulded
N/A
4.19
± 0.25
5.79
± 0.25
Dash no-X
-0
-1
-2
Cable diameter
-3
-4
-5
6.35 ± 0.25
7.36 ± 0.25
8.12 ± 0.25
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com