Electronic Components Datasheet Search
  English  ▼

X  

74VHC4040M. Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74VHC4040M.
Description  12-Stage Binary Counter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHC4040M. Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 74VHC4040M. Datasheet HTML 3Page - ON Semiconductor 74VHC4040M. Datasheet HTML 4Page - ON Semiconductor 74VHC4040M. Datasheet HTML 5Page - ON Semiconductor 74VHC4040M. Datasheet HTML 6Page - ON Semiconductor 74VHC4040M. Datasheet HTML 7Page - ON Semiconductor 74VHC4040M. Datasheet HTML 8Page - ON Semiconductor 74VHC4040M. Datasheet HTML 9Page - ON Semiconductor 74VHC4040M. Datasheet HTML 10Page - ON Semiconductor 74VHC4040M. Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC4040 Rev. 1.3
6
AC Electrical Characteristics
Note:
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained by the equation:
ICC (Opr.) = CPD • VCC • fN + ICC
AC Operating Requirements
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay Time
to Q1
3.3 ± 0.3
CL = 15pF
7.5
11.9
1.0
14.0
ns
CL = 50pF
10.0
15.4
1.0
17.5
5.0 ± 0.5
CL = 15pF
4.8
7.3
1.0
8.5
ns
CL = 50pF
6.3
9.3
1.0
10.5
tPLH, tPHL
Propagation Delay Time
between Stages from
Qn to Qn+1
3.3 ± 0.3
CL = 15pF
ns
CL = 50pF
2.4
4.4
1.0
5.0
5.0 ± 0.5
CL = 15pF
ns
CL = 50pF
1.6
3.1
1.0
3.5
tPHL
Propagation Delay Time
MR–Qn
3.3 ± 0.3
CL = 15pF
8.3
12.8
1.0
15.0
ns
CL = 50pF
10.8
16.3
1.0
18.5
5.0 ± 0.5
CL = 15pF
5.6
8.6
1.0
10.0
ns
CL = 50pF
7.1
10.6
1.0
12.0
fMAX
Maximum Clock
Frequency
3.3 ± 0.3
CL = 15pF
90
140
75
MHz
CL = 50pF
55
80
50
5.0 ± 0.5
CL = 15pF
150
210
125
MHz
CL = 50pF
95
125
80
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(2)
21
pF
Symbol
Parameter
VCC (V)
TA = 25°C
TA = –40°C
to +85°C
Units
Typ.
Guaranteed Minimum
tw(L), tw(H)
Minimum Pulse Width (CP)
3.3 ± 0.3
5.0
5.0
ns
5.0 ± 0.5
5.0
5.0
tw(L)
Minimum Pulse Width (MR)
3.3 ± 0.3
5.0
5.0
ns
5.0 ± 0.5
5.0
5.0
tREC
Minimum Removal Time (MR)
3.3 ± 0.3
5.0
5.0
ns
5.0 ± 0.5
5.0
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com