Electronic Components Datasheet Search
  English  ▼

X  

74VHC4040M. Datasheet(PDF) 9 Page - ON Semiconductor

Part # 74VHC4040M.
Description  12-Stage Binary Counter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHC4040M. Datasheet(HTML) 9 Page - ON Semiconductor

Back Button 74VHC4040M. Datasheet HTML 3Page - ON Semiconductor 74VHC4040M. Datasheet HTML 4Page - ON Semiconductor 74VHC4040M. Datasheet HTML 5Page - ON Semiconductor 74VHC4040M. Datasheet HTML 6Page - ON Semiconductor 74VHC4040M. Datasheet HTML 7Page - ON Semiconductor 74VHC4040M. Datasheet HTML 8Page - ON Semiconductor 74VHC4040M. Datasheet HTML 9Page - ON Semiconductor 74VHC4040M. Datasheet HTML 10Page - ON Semiconductor 74VHC4040M. Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC4040 Rev. 1.3
8
Physical Dimensions (Continued)
Dimensions are in millimeters unless otherwise noted.
Figure 2. 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC16
0.65
4.4±0.1
MTC16rev4
0.11
4.55
5.00
5.00±0.10
12°
7.35
4.45
1.45
5.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com