Electronic Components Datasheet Search
  English  ▼

X  

PAC01 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # PAC01
Description  Cemented Leaded Wirewound Precision Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PAC01 Datasheet(HTML) 7 Page - Vishay Siliconix

  PAC01 Datasheet HTML 1Page - Vishay Siliconix PAC01 Datasheet HTML 2Page - Vishay Siliconix PAC01 Datasheet HTML 3Page - Vishay Siliconix PAC01 Datasheet HTML 4Page - Vishay Siliconix PAC01 Datasheet HTML 5Page - Vishay Siliconix PAC01 Datasheet HTML 6Page - Vishay Siliconix PAC01 Datasheet HTML 7Page - Vishay Siliconix PAC01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PAC.. Series
www.vishay.com
Vishay Draloric
Revision: 14-Mar-17
7
Document Number: 28731
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HISTORICAL 12NC INFORMATION
• The resistors had a 12-digit ordering code staring with
2306 327
• The subsequent first digit indicated the resistor type and
packaging.
• The remaining 4 digits indicated the resistance value:
- The first 3 digits indicated the resistance value.
- The last digit indicated the resistance decade in
accordance with Resistance Decade table.
Resistance Decade
Ordering Example
The ordering code for an PAC02, resistor value 47
 with
± 1 % tolerance, supplied in ammopack of 500 units was:
2306 327 04709.
Note
(1)
Radial parts with tin plated copper leads
RESISTANCE DECADE
LAST DIGIT
0.10 to 0.976
7
1 to 9.76
8
10 to 97.6
9
100 to 976
1
1 to 9.76 k
2
10 to 12 k
3
HISTORICAL 12NC - Resistor type and packaging
TYPE
2306 327 .....
BANDOLIER IN AMMOPACK
RADIAL
STRAIGHT LEADS
2500 units
500 units
1000 units
PAC01
RT (1)
-
 327 5....
PAC02
-
 327 0....
-
PAC03
-
 327 1....
-
PAC04
-
 327 2....
-
PAC05
-
 327 3....
-
PAC06
-
 327 4....
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com