Electronic Components Datasheet Search
  English  ▼

X  

PAC01 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PAC01
Description  Cemented Leaded Wirewound Precision Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PAC01 Datasheet(HTML) 2 Page - Vishay Siliconix

  PAC01 Datasheet HTML 1Page - Vishay Siliconix PAC01 Datasheet HTML 2Page - Vishay Siliconix PAC01 Datasheet HTML 3Page - Vishay Siliconix PAC01 Datasheet HTML 4Page - Vishay Siliconix PAC01 Datasheet HTML 5Page - Vishay Siliconix PAC01 Datasheet HTML 6Page - Vishay Siliconix PAC01 Datasheet HTML 7Page - Vishay Siliconix PAC01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PAC.. Series
www.vishay.com
Vishay Draloric
Revision: 14-Mar-17
2
Document Number: 28731
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Special winding on request
(2) Other dimensions on request
(3) See “Part Number and Product Description”
(4) See “Packaging Table”
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: PAC300004701FAC000
MODEL
VARIANT
TCR/MATERIAL
VALUE
TOLERANCE
CODE
PACKAGING
CODE
SPECIAL
PAC100 = PAC01
PAC200 = PAC02
PAC300 = PAC03
PAC400 = PAC04
PAC500 = PAC05
PAC600 = PAC06
0 = neutral
1 = SWI =
Special winding (1)
2 = RT
3 = DK SP 20 mm
4 = DK LP 33 mm (2)
5 = DK LP 17.8 mm (2)
7 = DK LP 25.4 mm (2)
8 = DK SP 25.4 mm
9 = WSZ 6720
C = E/K 25.4 mm (2)
Z = value overflow
(special)
0 = standard
(± 100 ppm/K)
3 digit value
1 digit multiplier
MULTIPLIER
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
F = ± 1.0 %
(see
Packaging
table)
The 3 digits are
used for all special
part styles.
To encode the
non standard
specifications all
special parts of one
series are listed in a
cross reference
table.
000 = standard
Product Description: PAC03 4K7 1 % AC
PAC03
4K7
1 %
AC
MODEL (3)
VALUE (3)
TOLERANCE CODE (3)
PACKAGING
DESCRIPTION (4)
PACKAGING TABLE
MODEL
AMMO
LOOSE
BLISTER
PIECES
PACK
CODE
PACK.
DESC.
PIECES
PACK
CODE
PACK.
DESC.
PIECES
PACK
CODE
PACK.
DESC.
PAC01
1000
A1
A1
PAC01 DK/EK
500
LC
LC
PAC01RT
2500
AE
AE
PAC02
500
AC
AC
PAC02 DK/EK
500
LC
LC
PAC02 WSZ
1250
BM
BM
PAC03
500
AC
AC
PAC03 DK/EK
500
LC
LC
PAC04
500
AC
AC
PAC04 DK/EK
500
LC
LC
PAC05
500
AC
AC
PAC05 DK/EK
250
LB
LB
PAC06
500
AC
AC
PAC06 DK/EK
250
LB
LB
3000
470
0
AC
FA
C
0
1
P
0
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com