Electronic Components Datasheet Search
  English  ▼

X  

PAC01 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PAC01
Description  Cemented Leaded Wirewound Precision Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PAC01 Datasheet(HTML) 1 Page - Vishay Siliconix

  PAC01 Datasheet HTML 1Page - Vishay Siliconix PAC01 Datasheet HTML 2Page - Vishay Siliconix PAC01 Datasheet HTML 3Page - Vishay Siliconix PAC01 Datasheet HTML 4Page - Vishay Siliconix PAC01 Datasheet HTML 5Page - Vishay Siliconix PAC01 Datasheet HTML 6Page - Vishay Siliconix PAC01 Datasheet HTML 7Page - Vishay Siliconix PAC01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PAC.. Series
www.vishay.com
Vishay Draloric
Revision: 14-Mar-17
1
Document Number: 28731
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Cemented Leaded Wirewound Precision Resistors
FEATURES
• High power dissipation in small volume
• Ideal for pulse application
• TCR ± 100 ppm/K
• Maximum permissible hot spot temperature is
275 °C
• Lead (Pb)-free
• Tolerance 1 %
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
The resistor element is a resistive wire which is wound in a
single layer on a ceramic rod. Metal caps are pressed over
the ends of the rod. The ends of the resistance wire and the
leads are connected to the caps by welding. Tinned
copper-clad iron leads with poor heat conductivity are
employed permitting the use of relatively short leads to
obtain stable mounting without overheating the solder joint.
The resistor is coated with a green silicon cement which is
not
resistant
to
aggressive
fluxes.
The
coating
is
non-inflammable, will not drip even at high overloads and
is resistant to most commonly used cleaning solvents, in
accordance with IEC 60068-2-45.
Notes
• For Pulse Diagrams see AC.. Series (www.vishay.com/doc?28730)
(1) PAC02 WSZ: P25 °C = 1.8 W
(2) Resistance value to be selected for ± 1 % tolerance from E24 and E96
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
POWER RATING
P25 °C
W
LIMITING
VOLTAGE
Umax.
RESISTANCE RANGE (2)
TOLERANCE
± %
PAC01
1
0.10 to 2.2K
1
PAC02 (1)
2
0.10 to 3.6K
1
PAC03
3
0.10 to 4.7K
1
PAC04
4
0.10 to 8.2K
1
PAC05
5
0.10 to 12K
1
PAC06
6
0.10 to 12K
1
P x R
P x R
P x R
P x R
P x R
P x R


Similar Part No. - PAC01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAC01 VISHAY-PAC01 Datasheet
141Kb / 8P
Cemented Wirewound Precision Resistors
06-Oct-11
PAC01 VISHAY-PAC01 Datasheet
133Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
PAC01 DK/EK VISHAY-PAC01 DK/EK Datasheet
133Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
logo
List of Unclassifed Man...
PAC01CM24 ETC2-PAC01CM24 Datasheet
69Kb / 3P
Timers Star Delta
logo
Carlo Gavazzi Holding A...
PAC01CM24 CARLOGAVAZZI-PAC01CM24 Datasheet
86Kb / 3P
Timers Star Delta Types
More results

Similar Description - PAC01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
Cemented wirewound resistors
2000 Oct 20
logo
Vishay Siliconix
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
Cemented Wirewound Precision Resistors
06-Oct-11
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
PAC VISHAY-PAC Datasheet
123Kb / 8P
Cemented Wirewound Precision Resistors
06-Nov-14
AC-AT VISHAY-AC-AT Datasheet
204Kb / 12P
Cemented Leaded Wirewound Resistors
14-Mar-17
Z300-C00 VISHAY-Z300-C00 Datasheet
144Kb / 7P
Commercial Axial Cemented Leaded Wirewound Resistors
11-Jul-2018
Z300 VISHAY-Z300 Datasheet
144Kb / 7P
Commercial Axial Cemented Leaded Wirewound Resistors
11-Jul-2018
AC-AT VISHAY-AC-AT_V01 Datasheet
251Kb / 12P
Cemented Leaded Wirewound Resistors
07-Dec-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com