Electronic Components Datasheet Search
  English  ▼

X  

PCA9412 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9412
Description  3.0 MHz, 300 mA, DC-to-DC boost converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9412 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9412 Datasheet HTML 17Page - NXP Semiconductors PCA9412 Datasheet HTML 18Page - NXP Semiconductors PCA9412 Datasheet HTML 19Page - NXP Semiconductors PCA9412 Datasheet HTML 20Page - NXP Semiconductors PCA9412 Datasheet HTML 21Page - NXP Semiconductors PCA9412 Datasheet HTML 22Page - NXP Semiconductors PCA9412 Datasheet HTML 23Page - NXP Semiconductors PCA9412 Datasheet HTML 24Page - NXP Semiconductors PCA9412 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
PCA9412
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 9 June 2017
21 of 27
NXP Semiconductors
PCA9412/9412A
3.0 MHz, 300 mA, DC-to-DC boost converter
13. Soldering of WLCSP packages
13.1 Introduction to soldering WLCSP packages
This text provides a very brief insight into a complex technology. A more in-depth account
of soldering WLCSP (Wafer Level Chip-Size Packages) can be found in application note
AN10439 “Wafer Level Chip Scale Package” and in application note AN10365 “Surface
mount reflow soldering description”.
Wave soldering is not suitable for this package.
All NXP WLCSP packages are lead-free.
13.2 Board mounting
Board mounting of a WLCSP requires several steps:
1. Solder paste printing on the PCB
2. Component placement with a pick and place machine
3. The reflow soldering itself
13.3 Reflow soldering
Key characteristics in reflow soldering are:
• Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads to
higher minimum peak temperatures (see Figure 21) than a SnPb process, thus
reducing the process window
• Solder paste printing issues, such as smearing, release, and adjusting the process
window for a mix of large and small components on one board
• Reflow temperature profile; this profile includes preheat, reflow (in which the board is
heated to the peak temperature), and cooling down. It is imperative that the peak
temperature is high enough for the solder to make reliable solder joints (a solder paste
characteristic) while being low enough that the packages and/or boards are not
damaged. The peak temperature of the package depends on package thickness and
volume and is classified in accordance with Table 12.
Moisture sensitivity precautions, as indicated on the packing, must be respected at all
times.
Studies have shown that small packages reach higher temperatures during reflow
soldering, see Figure 21.
Table 12.
Lead-free process (from J-STD-020D)
Package thickness (mm)
Package reflow temperature (
C)
Volume (mm3)
< 350
350 to 2000
> 2000
< 1.6
260
260
260
1.6 to 2.5
260
250
245
> 2.5
250
245
245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com