Electronic Components Datasheet Search
  English  ▼

X  

PCA9412 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9412
Description  3.0 MHz, 300 mA, DC-to-DC boost converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9412 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9412 Datasheet HTML 8Page - NXP Semiconductors PCA9412 Datasheet HTML 9Page - NXP Semiconductors PCA9412 Datasheet HTML 10Page - NXP Semiconductors PCA9412 Datasheet HTML 11Page - NXP Semiconductors PCA9412 Datasheet HTML 12Page - NXP Semiconductors PCA9412 Datasheet HTML 13Page - NXP Semiconductors PCA9412 Datasheet HTML 14Page - NXP Semiconductors PCA9412 Datasheet HTML 15Page - NXP Semiconductors PCA9412 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
PCA9412
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 9 June 2017
12 of 27
NXP Semiconductors
PCA9412/9412A
3.0 MHz, 300 mA, DC-to-DC boost converter
Fig 12. Line step response
Fig 13. Pass through
aaa-020572
aaa-017047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com