Electronic Components Datasheet Search
  English  ▼

X  

PCA9412 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9412
Description  3.0 MHz, 300 mA, DC-to-DC boost converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9412 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9412 Datasheet HTML 4Page - NXP Semiconductors PCA9412 Datasheet HTML 5Page - NXP Semiconductors PCA9412 Datasheet HTML 6Page - NXP Semiconductors PCA9412 Datasheet HTML 7Page - NXP Semiconductors PCA9412 Datasheet HTML 8Page - NXP Semiconductors PCA9412 Datasheet HTML 9Page - NXP Semiconductors PCA9412 Datasheet HTML 10Page - NXP Semiconductors PCA9412 Datasheet HTML 11Page - NXP Semiconductors PCA9412 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PCA9412
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 9 June 2017
8 of 27
NXP Semiconductors
PCA9412/9412A
3.0 MHz, 300 mA, DC-to-DC boost converter
10. Static characteristics
Table 8.
Static characteristics
At recommended input voltages and Tamb = 40 C to +85 C; voltages are referenced to GND (ground = 0 V); unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input voltage and input current
VIN
input voltage
2.5
3.6
5.25
V
IQ
supply current
EN = 0 V
-
3.0
10.0
A
EN = 1.8 V, VIN = 2.5 V
-
36
-
mA
EN = 1.8 V, VIN = 4.8 V
-
11
-
mA
EN = 1.8 V, VIN = 5.25 V
-
3.57
-
mA
Output voltage and output current
VOUT
output voltage
IO  15 mA
5.24
5.4
5.56
V
IOUT(lim)
output current limit
EN = HIGH[1], VIN = 2.5 V to 5.25 V
300
-
-
mA
fo(boost)
boost output frequency
2.91
3
3.09
MHz
Vth(r)(UVLO)
rising threshold voltage
on VIN UVLO
1.9
2.1
2.3
V
Vth(f)(UVLOhyst)
falling UVLO hysteresis
70
-
120
mV
Vo(noise_p-p_coh) Vo coherent
peak-to-peak noise
100 kHz to 1.5 MHz, VIN < 4.8 V
2
mV
12 MHz to 15 MHz, VIN < 4.8 V
2
mV
Vo(noise_rms)
Vo rms noise (incoherent
noise)
100 kHz to 1.5 MHz, VIN < 4.8 V
660
µV rms
12 MHz to 15 MHz, VIN < 4.8 V
660
µV rms
Control input and timing
VIH
HIGH-level input voltage
pins EN
1.16
-
-
V
VIL
LOW-level input voltage
pins EN
-
-
0.4
V
tstartup
start-up time
-
500
600
S
Over-temperature protection
Tsd
shutdown temperature
-
150
-
C
Tsd(hys)
hysteresis of shutdown
temperature
-
20
-
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com