Electronic Components Datasheet Search
  English  ▼

X  

ISO7320CDR Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO7320CDR
Description  ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7320CDR Datasheet(HTML) 3 Page - Texas Instruments

  ISO7320CDR Datasheet HTML 1Page - Texas Instruments ISO7320CDR Datasheet HTML 2Page - Texas Instruments ISO7320CDR Datasheet HTML 3Page - Texas Instruments ISO7320CDR Datasheet HTML 4Page - Texas Instruments ISO7320CDR Datasheet HTML 5Page - Texas Instruments ISO7320CDR Datasheet HTML 6Page - Texas Instruments ISO7320CDR Datasheet HTML 7Page - Texas Instruments ISO7320CDR Datasheet HTML 8Page - Texas Instruments ISO7320CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
V
CC1
OUTA
INB
GND1
V
CC2
INA
OUTB
GND2
1
2
3
4
8
7
6
5
V
CC1
INA
INB
GND1
V
CC2
OUTA
OUTB
GND2
1
2
3
4
8
7
6
5
ISO7320C, ISO7320FC, ISO7321C, ISO7321FC
www.ti.com
SLLSEK8C – JANUARY 2015 – REVISED APRIL 2015
5 Pin Configuration and Functions
ISO7320
ISO7321
D PACKAGE
D PACKAGE
(TOP VIEW)
(TOP VIEW)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
ISO7320
ISO7321
INA
2
7
I
Input, channel A
INB
3
3
I
Input, channel B
GND1
4
4
–
Ground connection for VCC1
GND2
5
5
–
Ground connection for VCC2
OUTA
7
2
O
Output, channel A
OUTB
6
6
O
Output, channel B
VCC1
1
1
–
Power supply, VCC1
VCC2
8
8
–
Power supply, VCC2
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO7320C ISO7320FC ISO7321C ISO7321FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com