Electronic Components Datasheet Search
  English  ▼

X  

ISO7320CDR Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO7320CDR
Description  ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7320CDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7320CDR Datasheet HTML 9Page - Texas Instruments ISO7320CDR Datasheet HTML 10Page - Texas Instruments ISO7320CDR Datasheet HTML 11Page - Texas Instruments ISO7320CDR Datasheet HTML 12Page - Texas Instruments ISO7320CDR Datasheet HTML 13Page - Texas Instruments ISO7320CDR Datasheet HTML 14Page - Texas Instruments ISO7320CDR Datasheet HTML 15Page - Texas Instruments ISO7320CDR Datasheet HTML 16Page - Texas Instruments ISO7320CDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Case Temperature (GC)
0
50
100
150
200
0
100
200
300
400
D011
VCC1 = VCC2 = 3.6 V
VCC1 = VCC2 = 5.5 V
ISO7320C, ISO7320FC, ISO7321C, ISO7321FC
www.ti.com
SLLSEK8C – JANUARY 2015 – REVISED APRIL 2015
8.3.1.4 Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA = 121 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C
188
Safety input, output, or supply
IS
mA
current
RθJA = 121 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C
287
TS
Maximum case temperature
150
°C
The safety-limiting constraint is the absolute-maximum junction temperature specified in the Absolut Maximun
Ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Information table is that of a device installed on a High-K Test Board for Leaded Surface-Mount
Packages. The power is the recommended maximum input voltage times the current. The junction temperature is
then the ambient temperature plus the power times the junction-to-air thermal resistance.
Figure 15.
θJC Thermal Derating Curve per DIN V VDE V 0884-10
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ISO7320C ISO7320FC ISO7321C ISO7321FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com