Electronic Components Datasheet Search
  English  ▼

X  

ISO7320CDR Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO7320CDR
Description  ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7320CDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7320CDR Datasheet HTML 5Page - Texas Instruments ISO7320CDR Datasheet HTML 6Page - Texas Instruments ISO7320CDR Datasheet HTML 7Page - Texas Instruments ISO7320CDR Datasheet HTML 8Page - Texas Instruments ISO7320CDR Datasheet HTML 9Page - Texas Instruments ISO7320CDR Datasheet HTML 10Page - Texas Instruments ISO7320CDR Datasheet HTML 11Page - Texas Instruments ISO7320CDR Datasheet HTML 12Page - Texas Instruments ISO7320CDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
C = 0.1 F ±1%
IN
V
OH or VOL
OUT
V
CCI
+
–
V
CM
V
CCO
C = 0.1 F ±1%
GNDO
GNDI
S1
+
–
Pass-fail criteria –
output must remain
stable.
C
L
Note A
VO
OUT
IN
IN = 0 V (Devices without suffix F)
IN = V
(Devices with suffix F)
CC
NOTE A
CL
VI
0 V
t fs
fs high
VO
VI
2.7 V
50%
VCC
VCC
VOL
VOH
fs low
V
I
50 W
IN
V
O
Input
Generator
(1)
C
L
(2)
OUT
50%
10%
90%
V
I
V
O
t
PLH
t
PHL
50%
V
CCI
0 V
50%
t
r
t
f
V
OH
50%
V
OL
ISO7320C, ISO7320FC, ISO7321C, ISO7321FC
www.ti.com
SLLSEK8C – JANUARY 2015 – REVISED APRIL 2015
7 Parameter Measurement Information
(1)
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle,
tr ≤ 3 ns, tf ≤ 3 ns, ZO = 50 Ω. At the input, a 50-Ω resistor is required to terminate the Input Generator signal. It is not
needed in actual application.
(2)
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 11. Switching Characteristic Test Circuit and Voltage Waveforms
A.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 12. Fail-Safe Output Delay-Time Test Circuit and Voltage Waveforms
(1)
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 13. Common-Mode Transient Immunity Test Circuit
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ISO7320C ISO7320FC ISO7321C ISO7321FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com