Electronic Components Datasheet Search
  English  ▼

X  

LM2104 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM2104
Description  LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2104 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2104 Datasheet HTML 13Page - Texas Instruments LM2104 Datasheet HTML 14Page - Texas Instruments LM2104 Datasheet HTML 15Page - Texas Instruments LM2104 Datasheet HTML 16Page - Texas Instruments LM2104 Datasheet HTML 17Page - Texas Instruments LM2104 Datasheet HTML 18Page - Texas Instruments LM2104 Datasheet HTML 19Page - Texas Instruments LM2104 Datasheet HTML 20Page - Texas Instruments LM2104 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PQC = VGVDD × IGVDD + (VGVDD – VF) × IBST = 12V × 0.43mA + (12V – 1V) × 0.15mA = 6.8mW
(11)
2. Level-shifter losses, PIBSTS, due high-side leakage current IBSTS is shown in Equation 12.
PIBSTS = VBST × IBSTS × D = 72V × 0.033mA × 0.95 = 2.26mW
(12)
where
• D is the high-side switch duty cycle
3. Dynamic losses, PQG1&2, due to the FETs gate charge QG as shown in Equation 13.
PQG1&2=2×VGVDD×QG×fSW× RGD_R
RGD_R+RGATE+RGFET_INT= 2×12V×17nC×50kHz× 5.25Ω
5.25Ω+4.7Ω+2.2Ω
=8.8mW
(13)
where
• QG = Total FETs gate charge
• fSW = Switching frequency
• RGD_R = Average value of pullup and pulldown resistor
• RGATE = External gate drive resistor
• RGFET_INT = Internal FETs gate resistor
4. Level-shifter dynamic losses, PLS, during high-side switching due to required level-shifter charge on each
switching cycle. For this example it is assumed that value of parasitic charge QP is 2.5 nC, as shown in
Equation 14.
PLS = VBST × QP × fSW = 72V × 2.5nC × 50kHz = 9mW
(14)
In this example, the sum of all the losses is 27 mW as a total gate driver loss. For gate drivers that include
bootstrap diode, one should also estimate losses in the bootstrap diode. Diode forward conduction loss is
computed as product of average forward voltage drop and average forward current.
Equation 15 estimates the maximum allowable power loss of the device for a given ambient temperature.
PMAX=TJ−TARθJA
(15)
where
• PMAX = Maximum allowed power dissipation in the gate driver device
• TJ = Junction temperature
• TA = Ambient temperature
• RθJA = Junction-to-ambient thermal resistance
The thermal metrics for the driver package is summarized in the Thermal Information table of the data sheet.
For detailed information regarding the thermal information table, refer to the Texas Instruments application note
entitled Semiconductor and IC Package Thermal Metrics.
www.ti.com
LM2104
SNVSCH8A – SEPTEMBER 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM2104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com