Electronic Components Datasheet Search
  English  ▼

X  

LM2104 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2104
Description  LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2104 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2104 Datasheet HTML 4Page - Texas Instruments LM2104 Datasheet HTML 5Page - Texas Instruments LM2104 Datasheet HTML 6Page - Texas Instruments LM2104 Datasheet HTML 7Page - Texas Instruments LM2104 Datasheet HTML 8Page - Texas Instruments LM2104 Datasheet HTML 9Page - Texas Instruments LM2104 Datasheet HTML 10Page - Texas Instruments LM2104 Datasheet HTML 11Page - Texas Instruments LM2104 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
6.8 Typical Characteristics
Unless otherwise specified, VGVDD = VBST = 12 V, GND = VSH = 0 V, No Load on GL or GH, TJ = 25°C.
Frequency (kHz)
1
2 3 4 5 67 10
20 30 50 70100 200
500 1000
0.2
0.2
0.3
0.5
1
2
3
5
10
20
30
50
100
200
No Load
1nF
10nF
Figure 6-3. GVDD Operating Current vs Frequency
Frequency (kHz)
1
2 3 4 5 67 10
20 30 50 70100 200
500 1000
0.1
0.2
0.5
1
2
5
10
20
50
100
200
No Load
1nF
10nF
Figure 6-4. BST Operating Current vs Frequency
Figure 6-5. Operating Currents vs Temperature
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95 110 125
100
150
200
250
300
350
400
450
500
550
600
IGVDD
IBST
Figure 6-6. Quiescent Currents vs Temperature
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95 110 125
0
100
200
300
400
500
600
700
800
900
1000
TDLRF
TDHFF
TDLFR
TDHRR
Figure 6-7. Propagation Delays vs Temperature
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95 110 125
460
462
464
466
468
470
472
474
476
478
480
482
484
486
488
490
GH falling to GL rising
GL falling to GH rising
Figure 6-8. Deadtime vs Temperature
LM2104
SNVSCH8A – SEPTEMBER 2023 – REVISED OCTOBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com