Electronic Components Datasheet Search
  English  ▼

X  

LM2621 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM2621
Description  LM2621 Low Input Voltage, Step-Up DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2621 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM2621 Datasheet HTML 11Page - Texas Instruments LM2621 Datasheet HTML 12Page - Texas Instruments LM2621 Datasheet HTML 13Page - Texas Instruments LM2621 Datasheet HTML 14Page - Texas Instruments LM2621 Datasheet HTML 15Page - Texas Instruments LM2621 Datasheet HTML 16Page - Texas Instruments LM2621 Datasheet HTML 17Page - Texas Instruments LM2621 Datasheet HTML 18Page - Texas Instruments LM2621 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LM2621
www.ti.com
SNVS033D – MAY 2004 – REVISED NOVEMBER 2015
9 Power Supply Recommendations
The power line feeding the LM2621 should have low impedance. The input capacitor of the system should be
placed as close to VIN as possible. If the power supply is very noisy, an additional bulk capacitor might be
necessary in the system to ensure that clean power is delivered to the IC.
10 Layout
10.1 Layout Guidelines
High switching frequencies and high peak currents make a proper layout of the PC board an important part of
design. Poor design can cause excessive EMI and ground-bounce, both of which can cause malfunction and loss
of regulation by corrupting voltage feedback signal and injecting noise into the control section.
Power components - such as the inductor, input and output filter capacitors, and output diode - should be placed
as close to the regulator IC as possible, and their traces should be kept short, direct and wide. The ground pins
of the input and output filter capacitors and the PGND and SGND pins of LM2621 should be connected using
short, direct and wide traces. The voltage feedback network (RF1, RF2, and CF1) should be kept very close to the
FB pin. Noisy traces, such as from the SW pin, should be kept away from the FB and VDD pins. The traces that
run between Vout and the FB pin of the IC should be kept away from the inductor flux. Always provide sufficient
copper area to dissipate the heat due to power loss in the circuitry and prevent the thermal protection circuitry in
the IC from shutting the IC down.
10.2 Layout Example
Figure 19. LM2621 PCB Layout
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM2621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com