Electronic Components Datasheet Search
  English  ▼

X  

LM2621 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM2621
Description  LM2621 Low Input Voltage, Step-Up DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2621 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2621 Datasheet HTML 10Page - Texas Instruments LM2621 Datasheet HTML 11Page - Texas Instruments LM2621 Datasheet HTML 12Page - Texas Instruments LM2621 Datasheet HTML 13Page - Texas Instruments LM2621 Datasheet HTML 14Page - Texas Instruments LM2621 Datasheet HTML 15Page - Texas Instruments LM2621 Datasheet HTML 16Page - Texas Instruments LM2621 Datasheet HTML 17Page - Texas Instruments LM2621 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LM2621
SNVS033D – MAY 2004 – REVISED NOVEMBER 2015
www.ti.com
8.2.4 3.3-V / 0.5-A SEPIC Regulator
Figure 18. 3.3-V/0.5-A SEPIC Regulator
8.2.4.1 Design Requirements
Design requirement for the SEPIC is similar to that of a boost but the current flowing through the switch is the
addition of the current flowing through L1 and L2. As a result, the peak current through the main switch is
IIN+IOUT+0.5xDeltaIL1+0.5xDeltaIL2. See SLYT309 for detail on the specific design requirement of a SEPIC
converter.
8.2.4.2 Detailed Design Procedure
Follow the detailed design procedure in Detailed Design Procedure.
Table 3. Bill of Materials
Manufacturer
Part Number
Description
U1
TI
LM2621MM
Low Input Voltage Regulator
C1
Sanyo
10CV220AX, SMT AL-Electrolytic
220 µF
C2
TDK
C2012X7R1C225M, MLCC
2.2 µF
C3
Vishay
VJ0603A331KXXAT
33 pF
C4
TDK
C3225X7R0J107MT
100 µF
C5, C6
Vishay
VJ0603Y104KXXAT
0.1 µF
D1
Philips
BAT54C
VR = 1V
D2
Vishay
MBRS120
1A / VR = 20V
L1, L2
Coilcraft
DO1813P-682HC
6.8 µH
R1
Vishay
CRCW08054990FRT6
499
Ω
R2
Vishay
CRCW08051503FRT6
150 k
Ω
R3
Vishay
CRCW08053923FRT6
392 k
Ω
R4
Vishay
CRCW08059092FRT6
90.9 k
Ω
14
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM2621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com