Electronic Components Datasheet Search
  English  ▼

X  

LM2621 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2621
Description  LM2621 Low Input Voltage, Step-Up DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2621 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2621 Datasheet HTML 5Page - Texas Instruments LM2621 Datasheet HTML 6Page - Texas Instruments LM2621 Datasheet HTML 7Page - Texas Instruments LM2621 Datasheet HTML 8Page - Texas Instruments LM2621 Datasheet HTML 9Page - Texas Instruments LM2621 Datasheet HTML 10Page - Texas Instruments LM2621 Datasheet HTML 11Page - Texas Instruments LM2621 Datasheet HTML 12Page - Texas Instruments LM2621 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LM2621
www.ti.com
SNVS033D – MAY 2004 – REVISED NOVEMBER 2015
Feature Description (continued)
Figure 12. Typical Step-Up Regulator Waveforms
7.3.2 Low Voltage Start-Up
The LM2621 can start-up from input voltages as low as 1.1 V. On start-up, the control circuitry switches the N-
channel MOSFET continuously at 70% duty cycle until the output voltage reaches 2.5 V. After this output voltage
is reached, the normal step-up regulator feedback and gated oscillator control scheme take over. Once the
device is in regulation it can operate down to a 0.65-V input, since the internal power for the IC can be boot-
strapped from the output using the VDD pin.
7.3.3 Output Voltage Ripple Frequency
A major component of the output voltage ripple is due to the hysteresis used in the gated oscillator control
scheme. The frequency of this voltage ripple is proportional to the load current. The frequency of this ripple does
not necessitate the use of larger inductors and capacitors however, since the size of these components is
determined by the switching frequency of the oscillator which can be set up to 2 MHz using an external resistor.
7.3.4 Internal Current Limit and Thermal Protection
An internal cycle-by-cycle current limit serves as a protection feature. This is set high enough (2.85 A typical,
approximately 4 A maximum) so as not to come into effect during normal operating conditions. An internal
thermal protection circuitry disables the MOSFET power switch when the junction temperature (TJ) exceeds
about 160°C. The switch is re-enabled when TJ drops below approximately 135°C.
7.4 Device Functional Modes
7.4.1 Shutdown
The LM2621 features a shutdown mode that reduces the quiescent current to less than a specified 2.5-µA
overtemperature. This extends the life of the battery in battery powered applications. During shutdown, all
feedback and control circuitry is turned off. The regulator's output voltage drops to one diode drop below the
input voltage. Entry into the shutdown mode is controlled by the active-low logic input pin EN (Pin 2). When the
logic input to this pin pulled below 0.15 VDD, the device goes into shutdown mode. The logic input to this pin
should be above 0.7 VDD for the device to work in normal step-up mode.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com