Electronic Components Datasheet Search
  English  ▼

X  

LM3405 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3405
Description  LM3405 1.6-MHz, 1-A Constant Current Buck Regulator For Powering LEDS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3405 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3405 Datasheet HTML 17Page - Texas Instruments LM3405 Datasheet HTML 18Page - Texas Instruments LM3405 Datasheet HTML 19Page - Texas Instruments LM3405 Datasheet HTML 20Page - Texas Instruments LM3405 Datasheet HTML 21Page - Texas Instruments LM3405 Datasheet HTML 22Page - Texas Instruments LM3405 Datasheet HTML 23Page - Texas Instruments LM3405 Datasheet HTML 24Page - Texas Instruments LM3405 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LM3405
VIN
EN/DIM
BOOST
SW
FB
GND
C3
D1
D2
VIN
C1
DC or
PWM
L1
C2
R1
IF
LED1
C4
VOUT
Copyright © 2016, Texas Instruments Incorporated
21
LM3405
www.ti.com
SNVS429C – OCTOBER 2006 – REVISED DECEMBER 2016
Product Folder Links: LM3405
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
8.2.1.3 Application Curve
Figure 24. Efficiency vs Input Voltage
8.3 System Examples
8.3.1 VBOOST Derived From VOUT (VIN = 12 V, IF = 1 A)
Figure 25. VBOOST Derived From VOUT
(VIN = 12 V, IF = 1 A) Diagram
8.3.1.1 Bill of Materials
Table 4. Bill of Materials for Figure 25
PART ID
PART VALUE
PART NUMBER
MANUFACTURER
U1
1-A LED Driver
LM3405
Texas Instruments
C1, Input capacitor
10 µF, 25 V, X5R
ECJ-3YB1E106K
Panasonic
C2, Output capacitor
1 µF, 10 V, X7R
GRM319R71A105KC01D
Murata
C3, Boost capacitor
0.01 µF, 16 V, X7R
0805YC103KAT2A
AVX
C4, Feedforward capacitor
1 µF, 10 V, X7R
GRM319R71A105KC01D
Murata
D1, Catch diode
Schottky, 0.5 V at 1 A, VR = 30 V
SS13
Vishay
D2, Boost diode
Schottky, 0.36 V at 15 mA
CMDSH-3
Central Semiconductor
L1
4.7 µH, 1.6 A
SLF6028T-4R7M1R6
TDK
R1
0.2 Ω, 0.5 W, 1%
WSL2010R2000FEA
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com