Electronic Components Datasheet Search
  English  ▼

X  

LM3405 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3405
Description  LM3405 1.6-MHz, 1-A Constant Current Buck Regulator For Powering LEDS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3405 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3405 Datasheet HTML 9Page - Texas Instruments LM3405 Datasheet HTML 10Page - Texas Instruments LM3405 Datasheet HTML 11Page - Texas Instruments LM3405 Datasheet HTML 12Page - Texas Instruments LM3405 Datasheet HTML 13Page - Texas Instruments LM3405 Datasheet HTML 14Page - Texas Instruments LM3405 Datasheet HTML 15Page - Texas Instruments LM3405 Datasheet HTML 16Page - Texas Instruments LM3405 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13
LM3405
www.ti.com
SNVS429C – OCTOBER 2006 – REVISED DECEMBER 2016
Product Folder Links: LM3405
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 17. Start-Up Response to VIN With 200-µs Rise Time
7.3.5 LED PWM Dimming
The LED brightness can be controlled by applying a periodic pulse signal to the EN/DIM pin and varying its
frequency and/or duty cycle. This so-called PWM dimming method controls the average light output by pulsing
the LED current between the set value and zero. A logic high level at the EN/DIM pin turns on the LED current
whereas a logic low level turns off the LED current. Figure 18 shows a typical LED current waveform in PWM
dimming mode. As explained in the previous section, there is approximately a 100-µs delay from the EN/DIM
signal going high to fully establishing the LED current as shown in Figure 19. This 100-µs delay sets a maximum
frequency limit for the driving signal that can be applied to the EN/DIM pin for PWM dimming. Figure 20 shows
the average LED current versus duty cycle of PWM dimming signal for various frequencies. The applicable
frequency range to drive LM3405 for PWM dimming is from 100 Hz to 5 kHz. The dimming ratio reduces
drastically when the applied PWM dimming frequency is greater than 5 kHz.
Figure 18. PWM Dimming of LEDs
Using the EN/DIM Pin
Figure 19. Start-Up Response to EN/DIM
With IF = 1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com