Electronic Components Datasheet Search
  English  ▼

X  

LM3405 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3405
Description  LM3405 1.6-MHz, 1-A Constant Current Buck Regulator For Powering LEDS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3405 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3405 Datasheet HTML 8Page - Texas Instruments LM3405 Datasheet HTML 9Page - Texas Instruments LM3405 Datasheet HTML 10Page - Texas Instruments LM3405 Datasheet HTML 11Page - Texas Instruments LM3405 Datasheet HTML 12Page - Texas Instruments LM3405 Datasheet HTML 13Page - Texas Instruments LM3405 Datasheet HTML 14Page - Texas Instruments LM3405 Datasheet HTML 15Page - Texas Instruments LM3405 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
12
LM3405
SNVS429C – OCTOBER 2006 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM3405
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Output Voltage
The output voltage is primarily determined by the number of LEDs (n) connected from VOUT to FB pin and
therefore VOUT can be calculated with Equation 10.
VOUT = ((n × VF) + VFB)
where
•
VF is the forward voltage of one LED at the set LED current level (see LED manufacturer data sheet for
forward characteristics curve)
(10)
7.3.4 Enable Mode or Shutdown Mode
The LM3405 has both enable and shutdown modes that are controlled by the EN/DIM pin. Connecting a voltage
source greater than 1.8 V to the EN/DIM pin enables the operation of LM3405, while reducing this voltage below
0.4 V places the part in a low quiescent current (0.3 µA typical) shutdown mode. There is no internal pullup on
EN/DIM pin, therefore an external signal is required to initiate switching. Do not allow this pin to float or rise to
0.3 V above VIN. It must be noted that when the EN/DIM pin voltage rises above 1.8 V while the input voltage is
greater than UVLO, there is a finite delay before switching starts. During this delay, the LM3405 goes through a
power on reset state after which the internal soft-start process commences. The soft-start process limits the
inrush current and brings up the LED current (IF) in a smooth and controlled fashion. The total combined duration
of the power on reset delay, soft-start delay and the delay to fully establish the LED current is in the order of
100 µs (see Figure 19).
The simplest way to enable the operation of LM3405 is to connect the EN/DIM pin to VIN which allows self start-
up of LM3405 whenever the input voltage is applied. However, when an input voltage of slow rise time is used to
power the application and if both the input voltage and the output voltage are not fully established before the soft-
start time elapses, the control circuit commands maximum duty cycle operation of the internal power switch to
bring up the output voltage rapidly. When the feedback pin voltage exceeds 0.205 V, the duty cycle has to
reduce from the maximum value accordingly, to maintain regulation. It takes a finite amount of time for this
reduction of duty cycle and this results in a spike in LED current for a short duration as shown in Figure 15. In
applications where this LED current overshoot is undesirable, EN/DIM pin voltage can be separately applied and
delayed such that VIN is fully established before the EN/DIM pin voltage reaches the enable threshold. The effect
of delaying EN/DIM with respect to VIN on the LED current is shown in Figure 16. For a fast rising input voltage
(200 µs for example), there is no need to delay the EN/DIM signal, because soft-start can smoothly bring up the
LED current as shown in Figure 17.
Figure 15. Start-Up Response to VIN With 5-ms Rise Time
Figure 16. Start-Up Response to VIN With EN/DIM Delayed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com