Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM50
Description  LM50-Q1 Automotive (Grade 1), ±3°C Accurate, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 3 Page - Texas Instruments

  LM50 Datasheet HTML 1Page - Texas Instruments LM50 Datasheet HTML 2Page - Texas Instruments LM50 Datasheet HTML 3Page - Texas Instruments LM50 Datasheet HTML 4Page - Texas Instruments LM50 Datasheet HTML 5Page - Texas Instruments LM50 Datasheet HTML 6Page - Texas Instruments LM50 Datasheet HTML 7Page - Texas Instruments LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
4 Device Comparison
Table 4-1. Device Comparison
Feature
LM50-Q1 (1)
TMP235-Q1
TMP236-Q1
LM60-Q1 (1)
LMT86-Q1
LMT87-Q1
LM94022-Q1
Sensor gain
(mV/°C)
10
10
19.5
6.25
–10.9
–13.6
–5.5/–8.2
–10.9/–13.6
Sensor gain
type
Fixed
Fixed
Fixed
Fixed
Fixed
Fixed
Pin-Set
Offset (at 0°C)
(mV)
500
500
400
424
2103
2637
1.035/1.57
2.103/2.637
Temp Range
(°C)
-40 to 125
-40 to 150
-10 to 125
-40 to 125
-50 to 150
-50 to 150
-50 to 150
Power Supply Specifications
VDD (V)
4.5 to 10
2.3 to 5.5
3.1 to 5.5
2.7 to 10
2.2 to 5.5
2.7 to 5.5
1.5/1.8/
2.2/2.7 to 5.5
IQ (typ) (µA)
95
9
10
82
5.4
5.4
5.4
Automotive Specifications
Automotive
Grade
Grade-1
Grade-0
Grade-1
Grade-1
Grade-0
Grade-0
Grade-0
Functional
Safety
Capable
Yes
Yes
Yes
Yes
Yes
Yes
No
Temperature Accuracy
25°C (typ)
-
±0.5
±0.5
-
±0.3
±0.3
-
-50°C (max)
-
-
-
-
±2.7
±2.7
±1.8
-40°C (max)
±4
±2.5
-
±4
±2.7
±2.7
±1.8
-25°C (max)
±3.8
±2.5
-
±3.8
±2.7
±2.7
±1.8
-10°C (max)
±3.5
±2.5
±2.5
±3.5
±2.7
±2.7
±1.8
0°C (max)
±3.4
-1.5/1.2
±2.5
±3.4
±2.7
±2.7
±1.8
20°C (max)
±3.1
-1.5/1.2
±2.5
±3.1
±2.7
±2.7
±1.5
25°C (max)
±3
-1.5/1.2
±2.5
±3
±2.7
±2.7
±1.5
40°C (max)
±3.15
-1.5/1.2
±2.5
±3.15
±2.7
±2.7
±1.5
70°C (max)
±3.45
-1.5/1.2
±2.5
±3.45
±2.7
±2.7
±1.8
85°C (max)
±3.6
±2.5
±2.5
±3.6
±2.7
±2.7
±2.1
90°C (max)
±3.65
±2.5
±2.5
±3.65
±2.7
±2.7
±2.1
120°C (max)
±3.95
±2.5
±2.5
±3.95
±2.7
±2.7
±2.4
125°C (max)
±4
±2.5
±2.5
±4
±2.7
±2.7
±2.7
150°C (max)
-
±2.5
-
-
±2.7
±2.7
±2.7
Packaging Dimension
Dimensions
[mm × mm ×
mm]
SOT23
(3-pin)
2.9 × 2.4 × 1.1
SOT23
(3-pin)
2.9 × 2.4 × 1.1
SC70
(5-pin)
2.0 × 2.1 × 1.1
SOT23
(3-pin)
2.9 × 2.4 × 1.1
SOT23
(3-pin)
2.9 × 2.4 × 1.1
SC70
(5-pin)
2.0 × 2.1 × 1.1
SC70
(5-pin)
2.0 × 2.1 × 1.1
SC70
(5-pin)
2.0 × 2.1 × 1.1
1. LM50-Q1 and LM60-Q1 temperature accuracy limits come from the "Accuracy vs Temperature" plot.
www.ti.com
LM50-Q1
SNIS249 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com