Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM50
Description  LM50-Q1 Automotive (Grade 1), ±3°C Accurate, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM50 Datasheet HTML 9Page - Texas Instruments LM50 Datasheet HTML 10Page - Texas Instruments LM50 Datasheet HTML 11Page - Texas Instruments LM50 Datasheet HTML 12Page - Texas Instruments LM50 Datasheet HTML 13Page - Texas Instruments LM50 Datasheet HTML 14Page - Texas Instruments LM50 Datasheet HTML 15Page - Texas Instruments LM50 Datasheet HTML 16Page - Texas Instruments LM50 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
impedance forms a 40Hz low-pass filter. Since the thermal time constant of the LM50-Q1 is much slower than
the 25ms time constant formed by the RC, the overall response time of the device is not significantly affected.
For much larger capacitors this additional time lag increases the overall response time of the LM50-Q1 .
TI device
OUT
Heavy Capacitive Load, Wiring, and more.
To A High-
Impedance Load
Figure 8-2. LM50-Q1 No Decoupling Required for Capacitive Load
TI device
OUT
Heavy Capacitive Load, Wiring, Etc.
1µF
0.1µF Bypass
Optional
Figure 8-3. LM50-Q1 With Filter for Noisy Environment
8.2.1.3 Application Curve
DUT Te mperature (C)
-50
-25
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
1.75
0.75
0.1
VO = (+10 mV/°C × T °C) + 500 mV
Figure 8-4. Output Transfer Function
www.ti.com
LM50-Q1
SNIS249 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com