Electronic Components Datasheet Search
  English  ▼

X  

LM50 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM50
Description  LM50-Q1 Automotive (Grade 1), ±3°C Accurate, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM50 Datasheet HTML 4Page - Texas Instruments LM50 Datasheet HTML 5Page - Texas Instruments LM50 Datasheet HTML 6Page - Texas Instruments LM50 Datasheet HTML 7Page - Texas Instruments LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments LM50 Datasheet HTML 10Page - Texas Instruments LM50 Datasheet HTML 11Page - Texas Instruments LM50 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
6.6 Typical Characteristics (continued)
To generate these curves the device is mounted to a printed circuit board as shown in Figure 8-9 or Figure 8-10.
Figure 6-7. Thermal Response in Still Air Without a Heat Sink
(Legacy chip)
TIME (Seconds)
0
100
200
300
400
500
600
0
25
50
75
100
125
New chip
Legacy chip
Figure 6-8. Thermal Response in Still Air Without a Heat Sink
(Both Legacy and New Chip in the New Test Setup)
Figure 6-9. Start-Up Voltage vs Temperature (Legacy chip)
TEMPERATURE (C)
-50
-25
0
25
50
75
100
125
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
Figure 6-10. Start-Up Voltage vs Temperature (New chip)
Figure 6-11. Quiescent Current vs Temperature (Legacy chip)
TEMPERATURE (C)
-50
-25
0
25
50
75
100
125
30
50
70
90
110
130
150
+VS = +5V
Figure 6-12. Quiescent Current vs Temperature (New chip)
LM50-Q1
SNIS249 – MAY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com