Electronic Components Datasheet Search
  English  ▼

X  

CTP Datasheet(PDF) 1 Page - YAGEO Corporation

Part # CTP
Description  CERAMIC TUBE WIREWOUND RESISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CTP Datasheet(HTML) 1 Page - YAGEO Corporation

  CTP Datasheet HTML 1Page - YAGEO Corporation CTP Datasheet HTML 2Page - YAGEO Corporation CTP Datasheet HTML 3Page - YAGEO Corporation CTP Datasheet HTML 4Page - YAGEO Corporation CTP Datasheet HTML 5Page - YAGEO Corporation CTP Datasheet HTML 6Page - YAGEO Corporation CTP Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
CERAMIC TUBE WIREWOUND RESISTORS
High Power, Wirewound
CTP Series
±1%, ±2%, ±5%, ±10%
20W to 10KW
RoHS compliant & Halogen Free


Similar Part No. - CTP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CTP-25-018 RENESAS-CTP-25-018 Datasheet
119Kb / 1P
PCI Express 5.0 Link Controller
2025.02
logo
Contec Co., Ltd
CTP-4D CONTEC-CTP-4D Datasheet
239Kb / 2P
Termination Panel with Differential Receivers for Counter Input
logo
ATGBICS by Approved Tec...
CTP-SFP-1GE-LX-C ATGBICS-CTP-SFP-1GE-LX-C Datasheet
322Kb / 9P
CTP-SFP-1GE-LX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
CTP-SFP-1GE-SX-C ATGBICS-CTP-SFP-1GE-SX-C Datasheet
293Kb / 8P
CTP-SFP-1GE-SX Juniper Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
CTP-SFP-1GE-T-C ATGBICS-CTP-SFP-1GE-T-C Datasheet
195Kb / 7P
CTP-SFP-1GE-T Juniper Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results

Similar Description - CTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
WIREWOUND RESISTORS
UW-2 WILLOW-UW-2 Datasheet
347Kb / 2P
Ceramic Wirewound Resistors
logo
Riedon Powertron
UV-2 RIEDON-UV-2 Datasheet
290Kb / 2P
Ceramic Wirewound Resistors
UW-2 RIEDON-UW-2 Datasheet
272Kb / 2P
Ceramic Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
Wirewound Resistors
30-Mar-12
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
logo
TT Electronics.
SQP TTELEC-SQP_18 Datasheet
338Kb / 3P
Ceramic Case Resistors-Wirewound
logo
Riedon Powertron
UWP RIEDON-UWP Datasheet
241Kb / 2P
High Power Ceramic Wirewound Resistors
Revised: 202012_001
logo
VITROHM
KVS-SERIES VITROHM-KVS-SERIES Datasheet
177Kb / 2P
Power Wirewound Ceramic Resistors, vertical
Revision 200807
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com