Electronic Components Datasheet Search
  English  ▼

X  

CTP Datasheet(PDF) 5 Page - YAGEO Corporation

Part # CTP
Description  CERAMIC TUBE WIREWOUND RESISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CTP Datasheet(HTML) 5 Page - YAGEO Corporation

  CTP Datasheet HTML 1Page - YAGEO Corporation CTP Datasheet HTML 2Page - YAGEO Corporation CTP Datasheet HTML 3Page - YAGEO Corporation CTP Datasheet HTML 4Page - YAGEO Corporation CTP Datasheet HTML 5Page - YAGEO Corporation CTP Datasheet HTML 6Page - YAGEO Corporation CTP Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.yageo.com
Feb. 27, 2024
V.5
Ceramic Tube Wirewound Resistors
5
7
Product Specification
CTP
Through Hole Resistors
CHARACTERISTICS
CTP
15E
CTP
15C
CTP
20E
CTP
20C
CTP
25E
CTP
25C
CTP
30C
CTP
50C
CTP
10D
Power Rating at 70°C
1500WS 1500W 2000WS 2000W
2500WS 2500W
3000W
5000W
10000W
Resistance Range
(Corrugated type)
0.5
Ω ~
500
Ω
0.5
Ω ~
500
Ω
0.5
Ω ~
500
Ω
0.5
Ω ~
500
Ω
0.5
Ω ~
500
Ω
0.5
Ω ~
1K
Ω
0.5
Ω ~
1K
Ω
0.5
Ω ~
1K
Ω
0.5
Ω ~
1K
Ω
Resistance Range
(Smooth surface type)
1
Ω ~
150K
Ω
1
Ω ~
150K
Ω
1
Ω ~
150K
Ω
1
Ω ~
150K
Ω
1
Ω ~
150K
Ω
1
Ω ~
150K
Ω
1
Ω ~
150K
Ω
1
Ω ~
150K
Ω
1
Ω ~
150K
Ω
Maximum Working
Voltage
√(P X R)
Operating Temp. Range - 55°C to +325°C
Temperature Coefficient ±350ppm/°C
Note: For resistance value out of above range is by request.
TEST AND REQUIRMENTS
TEST
TEST METHOD
PROCEDURE
APPRAISE
Short Time Overload
IEC 60115-1 4.13
6.5 times of rated power for 5 sec.(Not
more than maximum overload voltage)
±2.0%+0.05
Ω
Temperature Coefficient
IEC 60115-1 4.8
Between -55°C to +325°C
By Type
Damp Heat Steady State
IEC 60115-1 4.24
40±2°C,90-95% RH for 56 days, loaded
with 0.1 times RCWV
±5.0%+0.05
Ω
Endurance at 25°C
IEC 60115-1 4.25
25±2°C at RCWV(or Umax., whichever
less) for 1,000 Hr.(1.5 Hr.on,0.5 Hr. off)
±5.0%+0.05
Ω
Temperature Cycling
IEC 60115-1 4.19
➔ -55°C ➔ Room Temp. ➔
+155°C Room Temp.(5 cycles)
±2.0%+0.05
Ω
Accidental Overload Test
IEC 60115-1 4.26
4 times RCWV for 1 Min.
No evidence of flaming
or arcing
Note:
RCWV (Rated Continuous Working Voltage):
The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following
formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (Ω)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com