Electronic Components Datasheet Search
  English  ▼

X  

CTP Datasheet(PDF) 4 Page - YAGEO Corporation

Part # CTP
Description  CERAMIC TUBE WIREWOUND RESISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CTP Datasheet(HTML) 4 Page - YAGEO Corporation

  CTP Datasheet HTML 1Page - YAGEO Corporation CTP Datasheet HTML 2Page - YAGEO Corporation CTP Datasheet HTML 3Page - YAGEO Corporation CTP Datasheet HTML 4Page - YAGEO Corporation CTP Datasheet HTML 5Page - YAGEO Corporation CTP Datasheet HTML 6Page - YAGEO Corporation CTP Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.yageo.com
Feb. 27, 2024
V.5
Ceramic Tube Wirewound Resistors
4
7
Product Specification
CTP
Through Hole Resistors
DERATING CURVE
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CTP
20A
CTP
30A
CTP
50A
CTP
60A
CTP
80A
CTP
10B
CTP
15B
CTP
20B
CTP
22G
Power Rating at 70°C
20W
30W
50W
60W
80W
100W
150W
200W
225W
Resistance Range
(Corrugated type)
0.1
Ω ~
100
Ω
0.1
Ω ~
100
Ω
0.15
Ω ~
100
Ω
0.15
Ω ~
100
Ω
0.2
Ω ~
100
Ω
0.3
Ω ~
100
Ω
0.36
Ω ~
200
Ω
0.43
Ω ~
200
Ω
0.43
Ω ~
200
Ω
Resistance Range
(Smooth surface type)
0.1
Ω ~
3K
Ω
0.1
Ω ~
3K
Ω
0.2
Ω ~
3.3K
Ω
0.2
Ω ~
10K
Ω
0.2
Ω ~
24K
Ω
0.2
Ω ~
51K
Ω
0.2
Ω ~
51K
Ω
0.2
Ω ~
56K
Ω
0.2
Ω ~
56K
Ω
Maximum Working
Voltage
√(P X R)
Operating Temp. Range - 55°C to +325°C
Temperature Coefficient ±350ppm/°C
Note: For resistance value out of above range is by request.
CHARACTERISTICS
CTP
25B
CTP
30B
CTP
40B
CTP
50B
CTP
60B
CTP
75B
CTP
10E
CTP
10C
CTP
12C
Power Rating at 70°C
250W
300W
400W
500W
600WS
750W
1000WS 1000W
1200W
Resistance Range
(Corrugated type)
0.43
Ω~
200
Ω
0.43
Ω ~
200
Ω
0.43
Ω ~
300
Ω
0.5
Ω ~
300
Ω
0.5
Ω ~
300
Ω
0.5
Ω ~
500
Ω
0.5
Ω ~
500
Ω
0.5
Ω ~
500
Ω
0.5
Ω ~
500
Ω
Resistance Range
(Smooth surface type)
0.2
Ω ~
56K
Ω
0.2
Ω ~
62K
Ω
0.2
Ω ~
150K
Ω
0.2
Ω ~
150K
Ω
0.2
Ω ~
150K
Ω
0.2
Ω ~
150K
Ω
0.2
Ω ~
150K
Ω
0.2
Ω ~
150K
Ω
1
Ω ~
150K
Ω
Maximum Working
Voltage
√(P X R)
Operating Temp. Range - 55°C to +325°C
Temperature Coefficient ±350ppm/°C
Note: For resistance value out of above range is by request.
Rated Power (%)
100
80
60
40
20
70
325
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com