Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 59 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 59 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 55Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 56Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 57Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 58Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 59Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 60Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 61Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 62Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 63Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 234 page
background image
59
59
Nomenclatures
Nomenclature of Schottky and SiGe rectifiers
NEXPERIA MEGA
Schottky rectifier
Max. reverse voltage in V
e.g. 100 = 100 V
Cont. forward current in A
e.g. 080 = 8.0 A
Internal configuration:
E = single
C = dual common cathode
Variant letter (optional):
L = low leakage current
Variant letter (design)
V = planar design
T = trench design
Package indicator:
PD = SOT1289
PE = SOT1289B
PMEG 100 V 080 E L PD
Nomenclature of automotive grade Schottky rectifiers in CFP15/B power packages
Variant letter (optional):
T = high temperature
L = low leakage
Variant letter
(design, optional)
T = trench design
G = SiGe technology
PMEG 40 T 10 A E T P
NEXPERIA MEGA
Schottky rectifier
Max. reverse voltage in V
e.g. 40 = 40 V
Cont. forward current in A
e.g. 10 = 1.0 A
Variant letter (optional)
Internal configuration:
A = CA
B = CC
E = single
P = double, parallel
R = triple, antiparallel
S =
series
V = triple
W = CA and CC
X = 2 x series
Y = 2 x CC
Z =
2 x CA
Package indicator:
A
SOD323
B
SOD523
D
SOT457
EF
SOD972
GW
SOD123
H
SOD123F
J
SOD323F
L
SOD882
LD
SOD882D
P
SOD128
PA
SOT1061
PAS SOT1061D
PK
SOD1608
R
SOD123W
SA
SOD995
SB
SOD993
SF
SOD962
SFB SOD962B
T
SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com