Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 93 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 93 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 89Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 90Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 91Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 92Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 93Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 94Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 95Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 96Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 97Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 234 page
background image
N-channel 40V-60V Power MOSFETs
Package
Type number
V
DS [max] (V)
R
DS(on) [max] @
V
GS = 10 V (mΩ)
R
DS(on) [max] @
V
GS = 4.5 V or 5 V (mΩ)
I
D [max] (A)
Q
G(tot) [typ] (nC)
I2PAK
(SOT226)
PSMN2R0-60ES
60
2.2
120
137
LFPAK56E
(SOT1023)
PSMNR90-40YLH
40
0.94
1.2
300
54
PSMN1R0-40YSH
40
1
290
87
PSMN1R0-40YLD
40
1.1
1.4
280
127
PSMN1R5-50YLH
50
1.6
51
PSMN2R0-55YLH
55
2.24
50
LFPAK56
(Power-SO8)
PSMN1R4-40YLD
40
1.4
1.9
240
96
PSMN1R5-40YSD
40
1.5
240
71
PSMN1R7-40YLD
40
1.8
2.3
200
35
PSMN1R8-40YLC
40
1.8
2.1
100
96
PSMN1R9-40YSD
40
1.9
200
57
PSMN2R0-40YLD
40
2
2.7
180
30
PSMN2R2-40YSD
40
2.2
180
45
PSMN2R5-40YLD
40
2.6
2.6
160
25
PSMN2R6-40YS
40
2.8
100
63
PSMN2R8-40YSD
40
2.8
160
44
PSMN3R2-40YLD
40
3.3
4.2
120
18
PSMN3R3-40YS
40
3.3
100
49
PSMN3R5-40YSD
40
3.5
120
31
PSMN4R0-40YS
40
4.2
100
38
PSMN5R8-40YS
40
5.7
90
28.8
PSMN8R3-40YS
40
8.6
70
20
PSMN014-40YS
40
14
46
12
PSMN2R2-50YLH
50
2.2
40
PSMN2R8-55YLH
55
2.87
39
PSMN4R0-60YS
60
4
100
56
PSMN4R1-60YL
60
4.1
4.8
100
103
PSMN5R2-60YL
60
5.2
6
100
78.4
PSMN5R5-60YS
60
5.2
100
56
PSMN5R6-60YL
60
5.6
7.2
100
66.8
PSMN7R0-60YS
60
6.4
89
45
PSMN7R5-60YL
60
7.5
8.7
86
60.6
PSMN8R5-60YS
60
8
76
39
PSMN012-60YS
60
11
59
28.4
PSMN013-60YL
60
13
15
53
33.2
PSMN030-60YS
60
15
29
13
PSMN017-60YS
60
16
44
20
LFPAK56-UL2595
(SOT1023A)
PSMN1R0-40ULD
40
1.1
1.4
280
59
LFPAK33
(SOT1210)
PSMN3R3-40MLD
40
3.3
PSMN3R3-40MSD
40
3.3
PSMN3R7-40MLD
40
3.7
PSMN3R8-40MSD
40
3.8
PSMN4R5-40MLD
40
4.5
PSMN4R7-40MSD
40
4.7
PSMN5R1-40MLD
40
5.1
PSMN5R4-40MSD
40
5.4
PSMN6R7-40MSD
40
6.7
PSMN8R5-40MLD
40
8.5
PSMN8R5-40MSD
40
8.5
PSMN5R6-50MLH
50
5.6
33
PSMN6R9-50MLH
50
6.93
27
PSMN7R3-55MLH
55
7.38
33
PSMN9R0-55MLH
55
9.12
27
PSMN011-60ML
60
11
13
61
37.2
PSMN011-60MS
60
11
61
23
Power MOSFETs
Types in
bold red are in development, types in bold represent new products
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com