Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 100 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 100 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 96Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 97Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 98Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 99Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 100Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 101Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 102Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 103Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 104Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 234 page
background image
Package
DFN2020MD-6
(SOT1220)
DFN2020-6
(SOT1118)
Size (mm)
2.0 x 2.0 x 0.65
2.0 x 2.0 x 0.65
P
tot (mW)
1250
1250
Configuration Polarity
V
DS
(V)
V
GS
(V)
I
D
(A)
V
GS(th)
min
(V)
V
GS(th)
max
(V)
t
on typ
(ns)
t
off typ
(ns)
Q
G typ
(nC)
ESD
protec-
tion (kV)
R
DS(on) typ (mΩ) @ VGS =
10 V 4.5 V 2.5 V 1.8 V
Single
20
8
10.1
0.4
0.9
5
31
20
9
10
16
PMPB8XN
12
11.4
0.4
0.9
10
32
10.9
1
-
16
20
20
PMPB12UNE
12.9
0.4
0.9
13
54
23
2.2
-
10
12
16
PMPB10XNE
5.9
0.75
1.25
16
49
31
2
-
14
20
-
PMPB20XNEA
10.4
0.4
0.9
9
31
13.4
-
-
18
21
23
PMPB15XN
10.1
0.4
0.9
9
31
11.6
2
-
19
23
31
PMPB23XNE
30
12
11.3
0.4
0.9
12
54
24
1
-
13
14
17
PMPB13XNE
5
0.4
0.9
8
33
12.4
1
-
28
32
37
PMPB29XNE
5.5
0.45
1.2
6
21
5.1
-
-
37
55
-
PMPB33XN
20
14
1
2
9
17
13.7
10
13
PMPB10EN
13
1
2
9
17
13.7
-
12
14
-
-
PMPB11EN
10.4
1
2
9
9
7.2
-
16.5
20.5
-
-
PMPB20EN
10
1
2.5
6
28
13
2
17
28
-
-
PMPB25ENE
6.9
1
2.5
4
17
6
2
30
39
-
-
PMPB50ENE
5.1
1
2.5
3
15
3.5
2
54
70
-
-
PMPB100ENE
60
20
4
1.3
2.7
4.5
13.5
7.5
2
42
48
-
-
PMPB55ENEA
3
1.3
2.7
4
10.5
6.2
2
72
85
-
-
PMPB85ENEA
80
20
2.8
1.3
2.7
5
15
9.9
2
80
92
-
-
PMPB95ENEA
1.9
1.3
2.7
3.5
9.5
4.8
2
175
195
-
-
PMPB215ENEA
12
8
13
0.4
0.9
7
69
26
13
17
24
PMPB13UP
12.7
0.45
0.9
6
64
22
-
-
14
19
24
PMPB14XP
12
11.8
0.47
0.9
18
85
67
15
17
PMPB15XP
20
12
10.3
0.47
0.9
16
43
28.8
-
-
19
21
27
PMPB19XP
10.3
0.47
0.9
13
92
30
2.4
-
19
22
28
PMPB20XPE
5
0.47
0.9
12
91
30
2.3
-
28
31
36
PMPB29XPE
8.5
0.75
1.25
10
43
12.5
2
-
29
45
-
PMPB30XPE
7.9
0.47
0.9
12
62
15
-
-
30
35
45
PMPB33XP
5
0.47
0.9
9
57
15.6
1
-
39
45
56
PMPB43XPE
30
12
5
0.47
0.9
15
28
14
-
-
47
54
74
PMPB47XP
20
9.5
1
2.5
3
28
19
-
24
32
-
-
PMPB24EP
8.8
1
2.5
10
28
30
24
32
PMPB27EP
6.8
1
2.5
7.4
27
17
-
40
55
-
-
PMPB48EP
25
10.6
1
2.5
3
60
29
16
22
PMPB16EP
Dual
20
12
5.3
0.4
0.9
4
40
14.4
-
-
32
40
60
PMDPB30XN
30
12
3.1
0.75
1.25
9
19
2.9
2
-
55
72
-
PMDPB56XNEA
3.1
0.5
1.5
6
18
1.65
1.8
-
95
130
-
PMDPB95XNE2
20
8
4.5
0.45
0.95
7
41
6.3
2
-
58
74
97
PMDPB58UPE
3.7
0.45
0.95
6
47
5.4
2
-
82
107
142
PMDPB85UPE
12
4.5
0.47
0.9
4
135
16.5
-
-
55
75
110
PMDPB55XP
4.2
0.75
1.25
7
33
5
2
-
66
98
PMDPB70XPE
3.7
0.4
1
6
120
5.7
-
-
80
95
120
PMDPB80XP
30
12
3.8
0.45
1
3
112
5.2
-
-
70
89
-
PMDPB70XP
MOSFET-
Schottky
P-channel
20
12
3.7
0.4
1
6
120
5.7
-
-
80
95
120
PMFPB8032XP
Pre-biased NPN
P
30
12
3.4
0.45
1
3
112
5.2
-
-
85
105
-
PMC85XP
Complementary
N
20
12
5.3
0.4
0.9
4
40
14.4
-
-
26
33
50
PMCPB5530X
P
20
12
4.5
0.4
0.9
4
40
8.1
-
-
55
75
110
Small-signal MOSFETs in DFN2020MD-6 single and DFN2020-6 dual packages
Small-signal MOSFETs
Types in
bold represent new products
Nexperia selection guide 2020
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com