Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 135 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 135 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 131Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 132Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 133Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 134Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 135Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 136Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 137Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 138Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 139Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 234 page
background image
Buffers/Inverters/Drivers
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
Output
Load
CL (pF)
t
pd (ns)
f
max
(MHz)
T
amb (°C)
74ABT04
Hex inverter
4.5 - 5.5
TTL
-15 / 20
50
2.2
100
-40 to 85
74ABT125
Quad buffer/line driver (3-state)
4.5 - 5.5
TTL
-32 / 64
50
3.1
100
-40 to 85
74ABT126
Quad buffer/line driver (3-state)
4.5 - 5.5
TTL
-32 / 64
50
3.0
100
-40 to 85
74ABT162244
16-bit buffer/line driver with 30 Ohm termination resistors
(3-state)
4.5 - 5.5
TTL
-32 / 12
50
3.2
100
-40 to 85
74ABT16240A
16-bit inverter/line driver (3-state)
4.5 - 5.5
TTL
-32 / 64
50
2.0
150
-40 to 85
74ABT16244A
16-bit buffer/line driver (3-state)
4.5 - 5.5
TTL
-32 / 64
50
2.1
150
-40 to 85
74ABT244
Octal buffer/line driver (3-state)
4.5 - 5.5
TTL
-32 / 64
50
2.9
100
-40 to 85
74AHC04
Hex inverter
2.0 - 5.5
CMOS
±8
50
3.0
60
-40 to 125
74AHC125
Quad buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.0
60
-40 to 125
74AHC126
Quad buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.3
60
-40 to 125
74AHC14
Hex inverter; Schmitt-trigger
2.0 - 5.5
CMOS
±8
50
3.2
60
-40 to 125
74AHC1G04
Single inverter
2.0 - 5.5
CMOS
±8
50
3.1
60
-40 to 125
74AHC1G125
Single buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.4
60
-40 to 125
74AHC1G126
Single buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.4
60
-40 to 125
74AHC1G14
Single inverter; Schmitt-trigger
2.0 - 5.5
CMOS
±8
50
3.2
60
-40 to 125
74AHC1G17
Single buffer with Schmitt-trigger inputs
2.0 - 5.5
CMOS
±8
50
3.2
60
-40 to 125
74AHC1GU04
Single inverter; unbuffered
2.0 - 5.5
CMOS
±8
50
2.6
60
-40 to 125
74AHC244
Octal buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.5
60
-40 to 125
74AHC2G125
Dual buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.4
60
-40 to 125
74AHC2G126
Dual buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.4
60
-40 to 125
74AHC2G241
Dual buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.4
60
-40 to 125
74AHC3G04
Triple inverter
2.0 - 5.5
CMOS
±8
50
3.1
60
-40 to 125
74AHC3G14
Triple inverter; Schmitt-trigger
2.0 - 5.5
CMOS
±8
50
3.2
60
-40 to 125
74AHC3GU04
Triple inverter; unbuffered
2.0 - 5.5
CMOS
±8
50
2.5
60
-40 to 125
74AHC541
Octal buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.5
60
-40 to 125
74AHC9541A
Octal buffer/line driver; Schmitt-trigger (3-state)
1.8 - 5.5
CMOS
±8
15
3.4
60
-40 to 125
74AHCT04
Hex inverter; TTL-enabled
4.5 - 5.5
TTL
±8
50
3.0
60
-40 to 125
74AHCT04A
Hex inverter; TTL-enabled
4.5 - 5.5
TTL
±8
15
3.1
60
-40 to 125
74AHCT07A
Hex buffer; open-drain; TTL-enabled
4.5 - 5.5
TTL
±8
15
4.0
60
-40 to 125
74AHCT125
Quad buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.0
60
-40 to 125
74AHCT126
Quad buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.0
60
-40 to 125
74AHCT14
Hex inverting; Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
50
3.4
60
-40 to 125
74AHCT14A
Hex inverter; Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
15
3.7
60
-40 to 125
74AHCT17A
Hex buffer; Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
15
3.2
60
-40 to 125
74AHCT1G04
Single inverter; TTL-enabled
4.5 - 5.5
TTL
±8
50
3.4
60
-40 to 125
74AHCT1G125
Single buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.4
60
-40 to 125
74AHCT1G126
Single buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.4
60
-40 to 125
74AHCT1G14
Single inverter; Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
50
4.1
60
-40 to 125
74AHCT1G17
Single buffer with Schmitt-trigger inputs; TTL-enabled
4.5 - 5.5
TTL
±8
50
4.1
60
-40 to 125
74AHCT240
Octal inverter/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.0
60
-40 to 125
74AHCT244
Octal buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.5
60
-40 to 125
74AHCT244A
Octal buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
15
3.5
60
-40 to 125
74AHCT2G125
Dual buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.4
60
-40 to 125
Asynchronous interface analog & logic ICs
135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com