Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 216 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 216 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 212Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 213Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 214Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 215Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 216Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 217Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 218Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 219Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 220Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 234 page
background image
Nexperia selection guide 2020
216
Minimized outline drawings and reflow soldering footprint
Dimensions in mm
Images are for reference only, for detailed drawings please visit nexperia.com/packages
48-pin SMD packages
TSSOP48 (SOT362-1)
TSSOP48 (SOT362-1)
SOT362-1
Footprint information for reflow soldering of TSSOP48 package
sot362-1_fr
Issue date 13-07-02
18-10-09
recommended stencil thickness: 0.1 mm
occupied area
solder paste
solder resist
solder land
0.4
0.28
0.22
0.125
0.56
12.12
12.27
14.1
0.125
6.1 8.9
7.0
9.15
0.5
1.5
1.4
SOT362-1
Footprint information for reflow soldering of TSSOP48 package
sot362-1_fr
Issue date 13-07-02
18-10-09
recommended stencil thickness: 0.1 mm
occupied area
solder paste
solder resist
solder land
0.4
0.28
0.22
0.125
0.56
12.12
12.27
14.1
0.125
6.1 8.9
7.0
9.15
0.5
1.5
1.4
13-08-05
Dimensions in mm
1.2
8.1
6.1
24
1
25
48
12.5
TVSOP48 (SOT480-1)
TVSOP48 (SOT480-1)
03-02-18
Dimensions in mm
25
48
9.7
24
1
1.1 max
6.4
4.4
SOT480-1
Footprint information for reflow soldering of TSSOP48 package
sot480-1_fr
Issue date 18-10-09
18-10-11
recommended stencil thickness: 0.1 mm
occupied area
solder paste
solder resist
solder land
0.3
0.24
0.16
0.125
0.43
9.66
9.81
11.8
0.125
4.5 7.2
5.3
7.45
0.4
1.45
1.35
SOT480-1
Footprint information for reflow soldering of TSSOP48 package
sot480-1_fr
Issue date 18-10-09
18-10-11
recommended stencil thickness: 0.1 mm
occupied area
solder paste
solder resist
solder land
0.3
0.24
0.16
0.125
0.43
9.66
9.81
11.8
0.125
4.5 7.2
5.3
7.45
0.4
1.45
1.35
32-pin SMD packages
HVQFN32 (SOT617-3)
HVQFN32 (SOT617-3)
Nexperia
SOT617-3
plastic, leadless thermal enhanced very thin quad flat package; 32 terminals; 0.5 mm pitch; 5 mm x 5
mm x 0.85 mm body
3. Soldering
SOT617-3
Footprint information for reflow soldering of HVQFN32 package
occupied area
solder paste
solder land
Dimensions in mm
P
0.5
sot617-3_fr
Issue date 11-11-15
11-11-20
Ax
Ay
Bx
C
D
5.95
5.95
4.25
0.85
By
4.25
0.27
Gx
5.25
Gy
5.25
Hy
6.2
Hx
6.2
SLx
SLy
nSPx
nSPy
3.75
3.75
3
3
0.30
0.60
detail X
C
SLy
D
SLx
Bx
Ay
P
nSPy
nSPx
see detail X
Gx
Hx
Gy
Hy
By
Ax
Fig. 2. Reflow soldering footprint for HVQFN32 (SOT617-3)
SOT617-3
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
3 June 2018
3 / 5
Nexperia
SOT617-3
plastic, leadless thermal enhanced very thin quad flat package; 32 terminals; 0.5 mm pitch; 5 mm x 5
mm x 0.85 mm body
3. Soldering
SOT617-3
Footprint information for reflow soldering of HVQFN32 package
occupied area
solder paste
solder land
Dimensions in mm
P
0.5
sot617-3_fr
Issue date 11-11-15
11-11-20
Ax
Ay
Bx
C
D
5.95
5.95
4.25
0.85
By
4.25
0.27
Gx
5.25
Gy
5.25
Hy
6.2
Hx
6.2
SLx
SLy
nSPx
nSPy
3.75
3.75
3
3
0.30
0.60
detail X
C
SLy
D
SLx
Bx
Ay
P
nSPy
nSPx
see detail X
Gx
Hx
Gy
Hy
By
Ax
Fig. 2. Reflow soldering footprint for HVQFN32 (SOT617-3)
SOT617-3
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
3 June 2018
3 / 5
Nexperia
SOT617-3
plastic, leadless thermal enhanced very thin quad flat package; 32 terminals; 0.5 mm pitch; 5 mm x 5
mm x 0.85 mm body
3. Soldering
SOT617-3
Footprint information for reflow soldering of HVQFN32 package
occupied area
solder paste
solder land
Dimensions in mm
P
0.5
sot617-3_fr
Issue date 11-11-15
11-11-20
Ax
Ay
Bx
C
D
5.95
5.95
4.25
0.85
By
4.25
0.27
Gx
5.25
Gy
5.25
Hy
6.2
Hx
6.2
SLx
SLy
nSPx
nSPy
3.75
3.75
3
3
0.30
0.60
detail X
C
SLy
D
SLx
Bx
Ay
P
nSPy
nSPx
see detail X
Gx
Hx
Gy
Hy
By
Ax
Fig. 2. Reflow soldering footprint for HVQFN32 (SOT617-3)
SOT617-3
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
3 June 2018
3 / 5
Nexperia
SOT617-3
plastic, leadless thermal enhanced very thin quad flat package; 32 terminals; 0.5 mm pitch; 5 mm x 5
mm x 0.85 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT617-3
MO-220
sot617-3_po
11-06-14
11-06-21
Unit(1)
mm
max
nom
min
0.85
0.05
0.00
0.2
5.1
4.9
3.75
3.45
5.1
4.9
3.75
3.45
0.5
3.5
A1
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HVQFN32: plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5 x 5 x 0.85 mm
SOT617-3
b
c
0.30
0.18
D(1)
A(1)
Dh E(1) Eh
e
e1
e2
L
3.5
v
w
0.1
0.1
y
0.05
0.5
0.3
y1
0.05
0
2.5
5 mm
scale
1/2 e
A
C
B
v
C
w
terminal 1
index area
A
A1
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
9
16
32
25
24
17
8
1
X
D
E
C
B
A
e2
terminal 1
index area
1/2 e
Fig. 1. Package outline HVQFN32 (SOT617-3)
SOT617-3
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
3 June 2018
2 / 5
24-pin SMD packages
TSSOP24 (SOT355-1)
TSSOP24 (SOT355-1)
SOT355-1
Footprint information for reflow soldering of TSSOP24 package
sot355-1_fr
Issue date 17-11-28
17-11-30
occupied area
solder paste deposit
solder land
solder land plus solder paste
recommended stencil thickness: 0.125 mm
0.3
0.5
0.60
1.35
5.30
7.45
0.65
0.75
0.40
0.125
8.20
8.60
0.125
4.50
1.25
7.20
SOT355-1
Footprint information for reflow soldering of TSSOP24 package
sot355-1_fr
Issue date 17-11-28
17-11-30
occupied area
solder paste deposit
solder land
solder land plus solder paste
recommended stencil thickness: 0.125 mm
0.3
0.5
0.60
1.35
5.30
7.45
0.65
0.75
0.40
0.125
8.20
8.60
0.125
4.50
1.25
7.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com