Electronic Components Datasheet Search
  English  ▼

X  

LM5000 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5000
Description  LM5000 High Voltage Switch Mode Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5000 Datasheet(HTML) 4 Page - Texas Instruments

  LM5000 Datasheet HTML 1Page - Texas Instruments LM5000 Datasheet HTML 2Page - Texas Instruments LM5000 Datasheet HTML 3Page - Texas Instruments LM5000 Datasheet HTML 4Page - Texas Instruments LM5000 Datasheet HTML 5Page - Texas Instruments LM5000 Datasheet HTML 6Page - Texas Instruments LM5000 Datasheet HTML 7Page - Texas Instruments LM5000 Datasheet HTML 8Page - Texas Instruments LM5000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM5000
SNVS176D – MAY 2004 – REVISED MARCH 2007
www.ti.com
Electrical Characteristics (continued)
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range (TJ = −40°C to +125°C) Unless otherwise specified. VIN = 12V and IL = 0A, unless otherwise specified.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
BV
Output Switch Breakdown
TJ = 25°C, ISW = 0.1µA
80
V
Voltage
TJ = -40°C to + 125°C, ISW =
76
0.5µA
VIN
Input Voltage Range
3.1
40
V
gm
Error Amp Transconductance
ΔI = 5µA
150
410
750
µmho
AV
Error Amp Voltage Gain
280
V/V
DMAX
Maximum Duty Cycle
FS = 0V
85
90
%
LM5000-3
Maximum Duty Cycle
FS = 0V
85
90
%
LM5000-6
TMIN
Minimum On Time
165
ns
fS
Switching Frequency LM5000-
FS = 0V
240
300
360
3
FS = Open
550
700
840
kHz
Switching Frequency LM5000-
FS = 0V
485
600
715
6
FS = Open
1.055
1.3
1.545
MHz
ISHDN
Shutdown Pin Current
VSHDN = 0V
−1
-2
µA
IL
Switch Leakage Current
VSW = 80V
0.008
5
µA
RDSON
Switch RDSON
ISW = 1A
160
445
m
Ω
ThSHDN
SHDN Threshold
Output High
0.9
0.6
V
Output Low
0.6
0.3
V
UVLO
On Threshold
2.74
2.92
3.10
V
Off Threshold
2.60
2. 77
2.96
V
OVP
VCOMP Trip
0.67
V
ISS
Softstart Current
8
11
14
µA
θJA
Thermal Resistance
TSSOP, Package only
150
°C/W
WSON, Package only
45
4
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com