Electronic Components Datasheet Search
  English  ▼

X  

LM5000 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5000
Description  LM5000 High Voltage Switch Mode Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5000 Datasheet HTML 7Page - Texas Instruments LM5000 Datasheet HTML 8Page - Texas Instruments LM5000 Datasheet HTML 9Page - Texas Instruments LM5000 Datasheet HTML 10Page - Texas Instruments LM5000 Datasheet HTML 11Page - Texas Instruments LM5000 Datasheet HTML 12Page - Texas Instruments LM5000 Datasheet HTML 13Page - Texas Instruments LM5000 Datasheet HTML 14Page - Texas Instruments LM5000 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
:
RFB1 = RFB2 x
VOUT - 1.259
1.259
VOUT =
VIN
1-D
, D' = (1-D) =
VIN
VOUT
LM5000
www.ti.com
SNVS176D – MAY 2004 – REVISED MARCH 2007
The second cycle is shown in Figure 21 (b). During this cycle, the transistor is open and the diode is forward
biased. The energy stored in the inductor is transferred to the load and output capacitor.
The ratio of these two cycles determines the output voltage. The output voltage is defined approximately as:
where
•
D is the duty cycle of the switch
•
D and D
′ will be required for design calculations
(1)
SETTING THE OUTPUT VOLTAGE
The output voltage is set using the feedback pin and a resistor divider connected to the output as shown in
Figure 19. The feedback pin is always at 1.259V, so the ratio of the feedback resistors sets the output voltage.
(2)
INTRODUCTION TO COMPENSATION
Figure 22. (a) Inductor current. (b) Diode current.
The LM5000 is a current mode PWM regulator. The signal flow of this control scheme has two feedback loops,
one that senses switch current and one that senses output voltage.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com