Electronic Components Datasheet Search
  English  ▼

X  

LM5000 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5000
Description  LM5000 High Voltage Switch Mode Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5000 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5000 Datasheet HTML 2Page - Texas Instruments LM5000 Datasheet HTML 3Page - Texas Instruments LM5000 Datasheet HTML 4Page - Texas Instruments LM5000 Datasheet HTML 5Page - Texas Instruments LM5000 Datasheet HTML 6Page - Texas Instruments LM5000 Datasheet HTML 7Page - Texas Instruments LM5000 Datasheet HTML 8Page - Texas Instruments LM5000 Datasheet HTML 9Page - Texas Instruments LM5000 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (
oC)
270
280
290
300
310
320
330
TEMPERATURE (
oC)
-40 -20
0
20
40
60
80 100 120
630
650
670
690
710
730
750
770
VIN (V)
0
5
10
15
20
25
30
35
40
285
290
295
300
305
310
315
630
650
670
690
710
730
750
770
VIN (V)
0
5
10
15
20
25
30
35
40
VIN (V)
0
5
10
15
20
25
30
35
40
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
TEMPERATURE (
oC)
-40 -20
0
20
40
60
80 100 120
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
LM5000
SNVS176D – MAY 2004 – REVISED MARCH 2007
www.ti.com
Typical Performance Characteristics (continued)
Current Limit vs Temperature
Current Limit vs VIN
Figure 9.
Figure 10.
fSW vs. VIN @ FS = Low (-3)
fSW vs. VIN @ FS = OPEN (-3)
Figure 11.
Figure 12.
fSW vs. Temperature @ FS = Low (-3)
fSW vs. Temperature @ FS = OPEN (-3)
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com