Electronic Components Datasheet Search
  English  ▼

X  

LM5035C Datasheet(PDF) 20 Page - Texas Instruments

Part # LM5035C
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035C Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5035C Datasheet HTML 16Page - Texas Instruments LM5035C Datasheet HTML 17Page - Texas Instruments LM5035C Datasheet HTML 18Page - Texas Instruments LM5035C Datasheet HTML 19Page - Texas Instruments LM5035C Datasheet HTML 20Page - Texas Instruments LM5035C Datasheet HTML 21Page - Texas Instruments LM5035C Datasheet HTML 22Page - Texas Instruments LM5035C Datasheet HTML 23Page - Texas Instruments LM5035C Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
20
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
The SR1 and SR2 outputs are powered directly by the 5-V reference regulator. Each output is capable of
sourcing 0.09 A and sinking 0.2-A peak. The SR1 and SR2 signals can control SR MOSFET gate drivers through
a digital isolator. The actual gate sourcing and sinking currents are provided by the secondary-side bias supply
and gate drivers.
The timing of SR1 and SR2 with respect to HO and LO is shown in Figure 14. SR1 is configured out of phase
with HO and SR2 is configured out of phase with LO. The dead time between transitions is programmable by a
resistor connected from the DLY pin to the AGND pin. Typically, RDLY is set in the range of 10 kΩ to 100 kΩ. The
dead-time periods can be calculated using Equation 4 and Equation 5.
T1 = 0.003 × RDLY + 4.6 ns
(4)
T2 = 0.0007 × RDLY + 10.01 ns
(5)
When UVLO falls below 1.25 V, or during hiccup current limit, both SR1 and SR2 are held low. During normal
operation, if soft start is held low, both SR1 and SR2 will be high.
8.3.13 Thermal Protection
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event the maximum rated
junction temperature is exceeded. When activated, typically at 165°C, the controller is forced into a low-power
standby state with the output drivers (HO, LO, SR1, and SR2), the bias regulators (VCC and REF) disabled. This
helps to prevent catastrophic failures from accidental device overheating. During thermal shutdown, the soft-start
capacitor is fully discharged and the controller follows a normal start-up sequence after the junction temperature
falls to the operating level (145°C).
8.4 Device Functional Modes
The LM5035C can be used as a half-bridge PWM controller or as a push-pull PWM controller. To implement the
LM5035C in a push-pull application, the HB pin is connected to VCC and the HS pin is connected to PGND. The
LM5035C will deliver 180º out-of-phase ground-referenced PWM signals to the gates of the power MOSFETS.
The high-side driver has an HS-to-GND maximum voltage rating of 105 V, but in higher-voltage applications the
high-side MOSFET can be driven with a gate-drive transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com