Electronic Components Datasheet Search
  English  ▼

X  

LM5035C Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5035C
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035C Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5035C Datasheet HTML 3Page - Texas Instruments LM5035C Datasheet HTML 4Page - Texas Instruments LM5035C Datasheet HTML 5Page - Texas Instruments LM5035C Datasheet HTML 6Page - Texas Instruments LM5035C Datasheet HTML 7Page - Texas Instruments LM5035C Datasheet HTML 8Page - Texas Instruments LM5035C Datasheet HTML 9Page - Texas Instruments LM5035C Datasheet HTML 10Page - Texas Instruments LM5035C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
All limits are ensured. All electrical characteristics having room temperature limits are tested during production with TA = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Typical specifications represent the most likely parametric norm at 25°C operation
7.5 Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, unless indicating that type applies over full operating junction
temperature range. VVIN = 48 V, VVCC = 10 V externally applied, RRT = 15 kΩ, RDLY = 27.4 kΩ, VUVLO = 3 V, VOVP = 0 V unless
otherwise stated. See
(1) and (2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
START-UP REGULATOR (VCC PIN)
VVCC
VCC voltage
IVCC = 10 mA
TJ = 25°C
7.6
V
TJ = –40°C to 125°C
7.3
7.9
IVCC(LIM)
VCC current limit
VVCC = 7 V, TJ = –40°C to 125°C
58
mA
VVCCUV
VCC undervoltage threshold
(VCC increasing)
VIN = VCC, ΔVVCC from
the regulation setpoint
TJ = 25°C
0.1
V
TJ = –40°C to 125°C
0.2
VCC decreasing
VCC – PGND
TJ = 25°C
6.2
V
TJ = –40°C to 125°C
5.5
6.9
IVIN
Start-up regulator current
VIN = 90 V, UVLO = 0 V
TJ = 25°C
30
µA
TJ = –40°C to 125°C
70
Supply current into VCC from
external source
Outputs and COMP open,
VVCC = 10 V, Outputs
Switching
TJ = 25°C
4
mA
TJ = –40°C to 125°C
6
VOLTAGE REFERENCE REGULATOR (REF PIN)
VREF
REF voltage
IREF = 0 mA
TJ = 25°C
5
V
TJ = –40°C to 125°C
4.85
5.15
REF voltage regulation
IREF = 0 to 10 mA
TJ = 25°C
25
mV
TJ = –40°C to 125°C
50
REF current limit
REF = 4.5 V
TJ = 25°C
20
mA
TJ = –40°C to 125°C
15
UNDERVOLTAGE LOCKOUT AND SHUTDOWN (UVLO PIN)
VUVLO
Undervoltage threshold
TJ = 25°C
1.25
V
TJ = –40°C to 125°C
1.212
1.288
IUVLO
Hysteresis current
UVLO pin sinking
TJ = 25°C
23
µA
TJ = –40°C to 125°C
19
27
Undervoltage shutdown
threshold
UVLO voltage falling
0.3
V
Undervoltage standby enable
threshold
UVLO voltage rising
0.4
V
OVERVOLTAGE PROTECTION (OVP PIN)
VOVP
Overvoltage threshold
TJ = 25°C
1.25
V
TJ = –40°C to 125°C
1.212
1.288
IOVP
Hysteresis current
OVP pin sourcing
TJ = 25°C
23
µA
TJ = –40°C to 125°C
19
27
CURRENT SENSE INPUT (CS PIN)
VCS
Current limit threshold
TJ = 25°C
0.25
V
TJ = –40°C to 125°C
0.288
0.272
CS delay to output
CS from zero to 1 V. Time for HO and LO to fall
to 90% of VCC. Output load = 0 pF.
80
ns
Leading edge blanking time at
CS
50
ns
CS sink impedance (clocked)
Internal FET sink
impedance
TJ = 25°C
32
Ω
TJ = –40°C to 125°C
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com