Electronic Components Datasheet Search
  English  ▼

X  

LM5035C Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5035C
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035C Datasheet(HTML) 1 Page - Texas Instruments

  LM5035C Datasheet HTML 1Page - Texas Instruments LM5035C Datasheet HTML 2Page - Texas Instruments LM5035C Datasheet HTML 3Page - Texas Instruments LM5035C Datasheet HTML 4Page - Texas Instruments LM5035C Datasheet HTML 5Page - Texas Instruments LM5035C Datasheet HTML 6Page - Texas Instruments LM5035C Datasheet HTML 7Page - Texas Instruments LM5035C Datasheet HTML 8Page - Texas Instruments LM5035C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LM5035C
UVLO
AGND
PGND
COMP
HO
LO
SS
RT
RAMP
VIN
OVP
SR1
SR2
VPWR
ERROR AMP
AND
ISOLATION
VOUT
GATE
DRIVE
ISOLATION
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
1
1 Features
1
•
105-V and 2-A Half-Bridge Gate Drivers
•
Synchronous Rectifier Control Outputs With
Programmable Delays
•
Reduced Dead Time Between High and Low-Side
Drive for Higher Maximum Duty Cycle.
•
High Voltage (105 V) Start-Up Regulator
•
Voltage Mode Control With Line Feedforward and
Volt Second Limiting
•
Resistor Programmed, 2-MHz Capable Oscillator
•
Programmable Line Undervoltage Lockout and
Overvoltage Protection
•
Internal Thermal Shutdown Protection
•
Adjustable Soft Start
•
Versatile Dual Mode Overcurrent Protection With
Hiccup Delay Timer
•
Cycle-by-Cycle Overcurrent Protection
•
Direct Opto-coupler Interface
•
Logic Level Synchronous Rectifier Drives
•
5-V Reference Output
•
Packages:
–
HTSSOP-20 (Thermally Enhanced)
–
WQFN-24 (4mm × 5mm)
2 Applications
•
Industrial Power Converters
•
Telecom Power Converters
3 Description
The LM5035C half-bridge controller and gate driver
contains all of the features necessary to implement
half-bridge topology power converters using voltage
mode control with line voltage feedforward.
The LM5035C is a functional variant of the LM5035B
half-bridge PWM controller. The amplitude of the SR1
and SR2 waveforms are 5 V instead of the VCC level.
Also, the soft-stop function is disabled in the
LM5035C.
The LM5035, LM5035A, LM5035B, and LM5035C
include a floating high-side gate driver, which is
capable of operating with supply voltages up to
105 V. Both the high-side and low-side gate drivers
are capable of 2-A peak. An internal high-voltage
start-up
regulator
is
included,
along
with
programmable line undervoltage lockout (UVLO) and
overvoltage
protection
(OVP).
The
oscillator
is
programmed with a single resistor to frequencies up
to 2 MHz. The oscillator can also be synchronized to
an external clock. A current sense input and a
programmable timer provide cycle-by-cycle current
limit and adjustable hiccup mode overload protection.
The
differences
between
LM5035,
LM5035A,
LM5035B, and LM5035C are summarized in the
Device Comparison Table.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5035C
HTSSOP (20)
6.50 mm × 4.40 mm
WQFN (24)
5.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Diagram


Similar Part No. - LM5035C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C NSC-LM5035C Datasheet
343Kb / 14P
Input operating range: 36V to 75V Output voltage: 3.3V
logo
Texas Instruments
LM5035C TI2-LM5035C Datasheet
933Kb / 37P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
REVISED APRIL 2013
logo
National Semiconductor ...
LM5035CMH NSC-LM5035CMH Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035CMH/NOPB TI-LM5035CMH/NOPB Datasheet
1Mb / 35P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results

Similar Description - LM5035C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035B TI-LM5035B Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A TI1-LM5035A_14 Datasheet
1Mb / 38P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B TI-LM5035B_15 Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C TI-LM5035C_15 Datasheet
1Mb / 35P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com