Electronic Components Datasheet Search
  English  ▼

X  

USB3CFTV Datasheet(PDF) 4 Page - Amphenol PCD, Inc

Part # USB3CFTV
Description  USB Type-C connection system for harsh environment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USB3CFTV Datasheet(HTML) 4 Page - Amphenol PCD, Inc

  USB3CFTV Datasheet HTML 1Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 2Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 3Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 4Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 5Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 6Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 7Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 8Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.amphenol-socapex.com
Due to technical progress, all information provided is subject to change without prior notice
Designed by Amphenol Socapex
4
Receptacles
USB3CFTV
Square flange receptacle – Shell type 2 - 4 mounting holes - Cordset with USB male plug
Part number type:
USB3CFTV 2 X XXX
X: see the How to ordeto complete your part number
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
⌀
⌀
DRAWN BY : S. FALCOZ
UPDATED BY:
LAST APPROVED BY: M RINSANT
ALL
DIMENSIONS
ARE IN MM
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
ORIGINAL
DRAWING DATE :
14/11/2022
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
SCALE : 2,5
REV :
A
PAGE :
1/2
191-PLC-997-02
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,…)
CUSTOMER :
PROGRAM :
SIGNATURE
CUSTOMER
Name :
Date :
______________________________
P2
P1
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
⌀
⌀
DRAWN BY : S. FALCOZ
UPDATED BY:
LAST APPROVED BY: M RINSANT
ALL
DIMENSIONS
ARE IN MM
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
ORIGINAL
DRAWING DATE :
14/11/2022
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
SCALE : 2,5
REV : A
PAGE :
1/2
191-PLC-997-02
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,…)
CUSTOMER :
PROGRAM :
SIGNATURE
CUSTOMER
Name :
Date :
______________________________
P2
P1
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
⌀
⌀
DRAWN BY : S. FALCOZ
UPDATED BY: H. DUCRUET
LAST APPROVED BY: M RINSANT
ALL
DIMENSIONS
ARE IN MM
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
ORIGINAL
DRAWING DATE :
14/11/2022
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
SCALE : 2,5
REV : B
PAGE :
1/2
191-PLC-997-02
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,…)
CUSTOMER :
PROGRAM :
SIGNATURE
CUSTOMER
Name :
Date :
______________________________
P2
P1
Panel Drilling
150 to 1000 mm [ 5.9 to 39.37 inches]
Jam nut receptacle – Shell type 7 - Cordset with USBC male plug - Hexagonal nut mounting
X: see the How to order to complete your part number
Part number type:
USB3CFTV 7 X XXX
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
⌀
⌀
DRAWN BY : S. FALCOZ
UPDATED BY: H. DUCRUET
LAST APPROVED BY: M RINSANT
ALL
DIMENSIONS
ARE IN MM
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
ORIGINAL
DRAWING DATE :
14/11/2022
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
SCALE : 2,5
REV : B
PAGE :
1/2
191-PLC-997-01
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,…)
CUSTOMER :
PROGRAM :
SIGNATURE
CUSTOMER
Name :
Date :
______________________________
P2
P1
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
⌀
⌀
DRAWN BY : S. FALCOZ
UPDATED BY:
LAST APPROVED BY: M RINSANT
ALL
DIMENSIONS
ARE IN MM
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
ORIGINAL
DRAWING DATE :
14/11/2022
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
SCALE : 2,5
REV :
A
PAGE :
1/2
191-PLC-997-01
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,…)
CUSTOMER :
PROGRAM :
SIGNATURE
CUSTOMER
Name :
Date :
______________________________
P2
P1
Panel Drilling
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
⌀
⌀
DRAWN BY : S. FALCOZ
UPDATED BY:
LAST APPROVED BY: M RINSANT
ALL
DIMENSIONS
ARE IN MM
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
ORIGINAL
DRAWING DATE :
14/11/2022
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
SCALE : 2,5
REV : A
PAGE :
1/2
191-PLC-997-01
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,…)
CUSTOMER :
PROGRAM :
SIGNATURE
CUSTOMER
Name :
Date :
______________________________
P2
P1
150 to 1000 mm [ 5.9 to 39.37 inches]
LSZH cable jacket
LSZH cable jacket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com