Electronic Components Datasheet Search
  English  ▼

X  

USB3CFTV Datasheet(PDF) 1 Page - Amphenol PCD, Inc

Part # USB3CFTV
Description  USB Type-C connection system for harsh environment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USB3CFTV Datasheet(HTML) 1 Page - Amphenol PCD, Inc

  USB3CFTV Datasheet HTML 1Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 2Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 3Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 4Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 5Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 6Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 7Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 8Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.amphenol-socapex.com
Due to technical progress, all information provided is subject to change without prior notice
Designed by Amphenol Socapex
www.amphenol-socapex.com
Due to technical progress, all information provided is subject to change without prior notice
Designed by Amphenol Socapex
USB3CFTV
USB Type-C connection system for harsh environment
USB3CFTV is a ruggedized solution for USB Type-C standard connectors.
Based on MIL-DTL-38999 series III type, plugs, and receptacles are mated thanks to a Tri-Start thread coupling
mechanism. This solution strengthens and protects your devices against fluids, dust, shocks, and disconnection
due to vibrations.
The assembly of your standard USB type-C cordset into our ruggedized plugs does not require any tool and can
be easily performed on the field. In addition, reversibility for data and power transmission is achieved for both plug
and receptacles.
Benefit from USB type-C flexibility to design many different data, power delivery, and video configurations with all
the advantages of Amphenol Socapex know-how in ruggedized connector solutions.
Description
Markets & Applications
Ground Vehicles
Naval
C5ISR, Battlefield
Communication
Main features
Main characteristics:
• Thread coupling, MIL-DTL-38999 series III type
• Shell size 11
• Shock, vibration, and traction resistance
• No tools are required for cabling adaptation
• EMI protection: Shielding continuity
• Mating plug/receptacle cycles: 500 at least
Data transmission and Power:
•
Compatible with USB3.2 Gen 1
•
Fully reversible for both plug and receptacle
•
Intensity: 5A max
•
Voltage: 20V max
•
Dielectric: Withstanding voltage: 100 VAC
•
Maximum length transmission: Up to 1 m (only for cordset
versions). Amplifiers to come, please consult us.
: RoHS compliant
Applications :
Displays, Consoles, Visions systems,
Situation awareness
Environmental protection:
•
Sealing: IP68 unmated and mated (with sealed USB3 Type-C
cordset)
•
Material and platings:
• 48 h - Aluminum shell with Nickel plating
• 500 h - Aluminum shell with Black zinc nickel plating
• 500 h - Aluminum shell with Olive drab cadmium plating
• 500 h - Aluminum shell with Tin-zinc plating
• 500 h - Marine bronze shell
• 500 h - Stainless steel passivated
•
Shock resistance: IK06 onto mated pair
•
Operating temperature: -40°C to +85°C (-40°F to 185°F)
Receptacle back terminations
Cordset with USB Type-C male plug
USB3C male termination
USB Type-C with PCB: PC tails contacts


Similar Part No. - USB3CFTV

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB3-16U1 COOLGEAR-USB3-16U1 Datasheet
118Kb / 3P
16 Port USB 3.0 Metal Hub w/Surge Protection
USB3-25APBB COOLGEAR-USB3-25APBB Datasheet
307Kb / 2P
SATA II to USB 3.0 Portable Black 2.5 Inch External Enclosure
USB3-25APBS COOLGEAR-USB3-25APBS Datasheet
251Kb / 2P
SATA II to USB 3.0 Portable Black 2.5 Inch External Enclosure
logo
Pro-Signal
USB3-802 PROSIGNAL-USB3-802 Datasheet
229Kb / 1P
Type A Plug to Type B Plug
V1.0 12/11/21
USB3-803 PROSIGNAL-USB3-803 Datasheet
229Kb / 1P
Type A Plug to Type B Plug
V1.0 12/11/21
More results

Similar Description - USB3CFTV

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
USBFTV22G AMPHENOL-USBFTV22G Datasheet
361Kb / 4P
USB conectionSystem for Harsh Environment
RJF21BSCC AMPHENOL-RJF21BSCC Datasheet
249Kb / 4P
RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJF22B03100BTX AMPHENOL-RJF22B03100BTX Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFC7B AMPHENOL-RJFC7B Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment ?밒ndustrial Ethernet
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFTV71G AMPHENOL-RJFTV71G Datasheet
260Kb / 4P
2004Ethernet ConnectionSystem for Harsh Environment
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
The RJ45 system for harsh and demanding environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com