Electronic Components Datasheet Search
  English  ▼

X  

USB3CFTV Datasheet(PDF) 9 Page - Amphenol PCD, Inc

Part # USB3CFTV
Description  USB Type-C connection system for harsh environment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USB3CFTV Datasheet(HTML) 9 Page - Amphenol PCD, Inc

Back Button USB3CFTV Datasheet HTML 4Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 5Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 6Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 7Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 8Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 9Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 10Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 11Page - Amphenol PCD, Inc USB3CFTV Datasheet HTML 12Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.amphenol-socapex.com
Due to technical progress, all information provided is subject to change without prior notice
Designed by Amphenol Socapex
9
USB3CFTV
1. Series
USB3CFTV USB3CFTV series
1.
2.
3.
4.
5.
6.
Series
Shell type
USB output
Material and platings
Cordset length
Deviation
USB3CFTV
7
G
100
F312
How to order - Connector
4. Material and platings
Shell material
Shell plating
G
Aluminum
Olive drab cadmium
N
Nickel
ZN
Black zinc nickel
TZ
Tin Zinc
BZ
Bronze
S
Stainless steel
Passivated
2. Shell type
6
Plug
2
Square flange receptacle
7
Jam nut receptacle
5. Cordset length (for receptacle with cordset only)
Meters
Inch
015
0,15 m
5.9
030
0,3 m
11.81
050
0,5 m
19.69
100
1 m
39.37
6. Deviation (only for receptacle)
F459
Stand-off receptacle for PCB with PC tail contacts
F312
Reduced flange receptacle
F311
Reduces flange receptacle with safety castle nut
F059
Stand-off Reduced flange receptacle for PCB with PC tail
contacts
F058
Stand-off Reduces flange receptacle with safety castle nut
3. USB output (only for receptacle)
2
Male USB type-C termination
Blank
Cordset or PC tail contacts
Part number
Description
USB3CFTV6ZN
USB3CFTV serie, plug, aluminum shell with black zinc nickel plating
USB3CFTV72BZF312
USB3CFTV serie, jam nut receptacle with reduced flange, male USB type-C termination, bronze shell
USB3CFTV2G100
USB3CFTV serie, square flange receptacle, aluminium shell with olive drab cadmium plating, 1-meter
cordset with USB-C male plug
USB3CFTV7NF059
USB3CFTV serie, jam nut receptacle, aluminium shell with nickel plating, stand-off reduced flange
receptacle for PCB.
Examples :
Assembly video
: RoHS compliant
Scan & Discover !
CapLock
PlugLock
Metal CapLock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com