Electronic Components Datasheet Search
  English  ▼

X  

LM95231 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM95231
Description  LM95231CIMMX/NOPB LM95231BIMM-1/NOPB LM95231CIMM-1/NOPB LM95231CIMM-2/NOPB LM95231CIMMX/NOPB.A LM95231CIMM-2/NOPB.A LM95231CIMM-1/NOPB.A LM95231BIMM-1/NOPB.A
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95231 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM95231 Datasheet HTML 4Page - Texas Instruments LM95231 Datasheet HTML 5Page - Texas Instruments LM95231 Datasheet HTML 6Page - Texas Instruments LM95231 Datasheet HTML 7Page - Texas Instruments LM95231 Datasheet HTML 8Page - Texas Instruments LM95231 Datasheet HTML 9Page - Texas Instruments LM95231 Datasheet HTML 10Page - Texas Instruments LM95231 Datasheet HTML 11Page - Texas Instruments LM95231 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
5.6 Typical Performance Characteristics
Figure 5-2. Thermal Diode Capacitor or PCB
Leakage Current Effect Remote Diode Temperature
Reading
Figure 5-3. Remote Temperature Reading
Sensitivity to Thermal Diode Filter Capacitance
10
100
1000
10000
CONVERSION TIME (ms)
0.0
0.25
0.5
0.75
1.0
1.25
1.5
1.75
2.0
VDD = +3.3V
TA = 25
oC
Figure 5-4. Conversion Rate Effect on Average Power Supply Current
LM95231
SNIS139F – FEBRUARY 2005 – REVISED JANUARY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM95231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com